Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 33 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 33 Page - Micronas

Back Button MAS3587F Datasheet HTML 29Page - Micronas MAS3587F Datasheet HTML 30Page - Micronas MAS3587F Datasheet HTML 31Page - Micronas MAS3587F Datasheet HTML 32Page - Micronas MAS3587F Datasheet HTML 33Page - Micronas MAS3587F Datasheet HTML 34Page - Micronas MAS3587F Datasheet HTML 35Page - Micronas MAS3587F Datasheet HTML 36Page - Micronas MAS3587F Datasheet HTML 37Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 82 page
background image
ADVANCE INFORMATION
MAS 3587F
Micronas
33
Table 3–6: Application Control and Status
Memory
Address
(hex)
Function
Name
D0:7f6
Application Selection
All
AppSelect is used for selecting an application. This is done by setting the
appropriate bit to one. It is principally allowed to set more than one bit to one,
e.g. setting AppSelect to 0xc will select all MPEG audio decoders. The auto-
detection feature will automatically detect the Layer 2 or Layer 3 data. When
bit[0]/bit[1] are asserted, the DSP begins to loop inside the OS loop/Top Level
loop respectively.
It is recomended to perform the necessary settings for the firmware before the
application is started by writing this memory cell.
bit[6]
MPEG Layer 3 Encoder
bit[3]
MPEG Layer 3 Decoder
bit[2]
MPEG Layer 2 Decoder
bit[1]
Top Level
bit[0]
Operating System
AppSelect
D0:7f7
Application Running
All
The AppRunning cell is a global user interface status cell, that indicates which
application loop is actually running. After writing AppSelect, it has to be
checked whether the appropriate bit(s) in the AppRunning cell is set, prior to
any changes in the configuration registers or memory cells
bit[6]
MPEG Layer 3 Encoder
bit[3]
MPEG Layer 3 Decoder
bit[2]
MPEG Layer 2 Decoder
bit[1]
Top Level
bit[0]
Operating System
AppRunning
D0:7f0
Encoder Control (reset = a0264hex)
Encoder
EncoderControl is used for selecting the quality level, sample frequency and
other options for encoding.
bit[19:17]
Quality Setting
000
0 lowest bitrate / quality
001
1
010
2
011
3
100
4
101 (reset) 5 recommended quality
The maximum bitrate is limited to 192 kbit/s,
whereas the average bitrate highly depends on the
audio source. At the recommanded quality
setting and a sampling rate of 44.1 kHz, the average
bitrate is typically found in the range from 130 to
140 kBit/s.
110
6
111
7 highest bitrate / quality
bit[16:12]
Reserved, must be set to zero
...
EncoderControl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com