Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 66 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 66 Page - Micronas

Back Button MAS3587F Datasheet HTML 62Page - Micronas MAS3587F Datasheet HTML 63Page - Micronas MAS3587F Datasheet HTML 64Page - Micronas MAS3587F Datasheet HTML 65Page - Micronas MAS3587F Datasheet HTML 66Page - Micronas MAS3587F Datasheet HTML 67Page - Micronas MAS3587F Datasheet HTML 68Page - Micronas MAS3587F Datasheet HTML 69Page - Micronas MAS3587F Datasheet HTML 70Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 82 page
background image
MAS 3587F
ADVANCE INFORMATION
66
Micronas
4.6.3.3. Serial Output Interface Characteristics (SDO)
at TA = TA2, VSUPD, VSUPA = 2.5 ... 3.6 V, fCrystal = 18.432 MHz, Typ. values for TA = 25 °C
Fig. 4–21: Serial output interface timing.
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
tSOCLK
I2S clock output frequency
SOC
325
ns
fS =48kHz Stereo
32 bits per sample
tSOISS
I2S word strobe delay time
after falling edge of clock
SOC,
SOI
0ns
tSOODC
I2S data delay time after
falling edge of clock
SOC,
SOD
0ns
H
L
H
L
H
L
TSOCLK
TSOISS
TSOISS
TSOODC
SOC
SOI
SOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com