Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 60 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 60 Page - Micronas

Back Button MAS3587F Datasheet HTML 56Page - Micronas MAS3587F Datasheet HTML 57Page - Micronas MAS3587F Datasheet HTML 58Page - Micronas MAS3587F Datasheet HTML 59Page - Micronas MAS3587F Datasheet HTML 60Page - Micronas MAS3587F Datasheet HTML 61Page - Micronas MAS3587F Datasheet HTML 62Page - Micronas MAS3587F Datasheet HTML 63Page - Micronas MAS3587F Datasheet HTML 64Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 82 page
background image
MAS 3587F
ADVANCE INFORMATION
60
Micronas
Crystal Recommendations
fP
Load resonance frequency at
CI =20pF
XTI, XTO
18.432
MHz
∆f/f
S
Accuracy of frequency adjust-
ment
−50
50
ppm
∆f/f
S
Frequency variation vs. temper-
ature
−50
50
ppm
REQ
Equivalent series resistance
12
30
Ω
C0
Shunt (parallel) capacitance
3
5
pF
Table 4–2: Input Levels
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
IIL
Input low voltage
at VDD = 2.5...3.9 V
I2CC,
I2CD
0.3
V
IIH
Input high voltage
at VDD = 2.5...3.9 V
1.4
V
IIL
Input low voltage
at VDD = 2.5...3.9 V
POR,
DCEN
0.2
V
IIH
Input high voltage
at VDD = 2.5...3.9 V
0.9
V
IILD
Input low voltage
PI<I>,
SI(B)I,
SI(B)C,
SI(B)D, PR,
PCS,
TE, DVS
0.3
V
IIHD
Input high voltage
VSUP
−0.5
V
Table 4–1: Reference Frequency Generation and Crystal Recommendation
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com