Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 34 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 34 Page - Micronas

Back Button MAS3587F Datasheet HTML 30Page - Micronas MAS3587F Datasheet HTML 31Page - Micronas MAS3587F Datasheet HTML 32Page - Micronas MAS3587F Datasheet HTML 33Page - Micronas MAS3587F Datasheet HTML 34Page - Micronas MAS3587F Datasheet HTML 35Page - Micronas MAS3587F Datasheet HTML 36Page - Micronas MAS3587F Datasheet HTML 37Page - Micronas MAS3587F Datasheet HTML 38Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 82 page
background image
MAS 3587F
ADVANCE INFORMATION
34
Micronas
Table 3–7: D0 Control Memory Cells
Memory
Address
(hex)
Function
Name
D0:7f0
(continued)
bit[11:10]
Sampling Frequency (kHz)
MPEG 1
MPEG 2
00 (reset)
44.1
22.05
01
48
24
10
32
16
11
reserved
bit[9]
MPEG Selection
0MPEG 2
1 (reset)
MPEG 1
Bit[11:9] are only evaluated for SDI audio input (selected in D0:7f1, bit[9:8]). In
case of S/PDIF audio input, MPEG 1 is used and the sampling frequency is
auto detected.
bit[8]
CRC protection
0 (reset)
enable CRC protection
1
disable CRC protection
bit[7:6]
Channel Mode
00
reserved
01 (reset)
joint stereo
10
reserved
11
single channel
bit[5]
Channel Mode Extension (for joint stereo)
0
disable MS-Stereo encoding
1 (reset)
enable MS-Stereo encoding
bit[4]
Reserved, must be set to zero
bit[3]
Copyright
0 (reset)
bit stream is not copyright protected
1
bit stream is copyright protected
bit[2]
Copy / Original
0
bit stream is a copy
1 (reset)
bit stream is an original
bit[1:0]
Emphasis
00 (reset)
none
01
50/15
µs
10
reserved
11
CCITT J.17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com