Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 17 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 17 Page - Micronas

Back Button MAS3587F Datasheet HTML 13Page - Micronas MAS3587F Datasheet HTML 14Page - Micronas MAS3587F Datasheet HTML 15Page - Micronas MAS3587F Datasheet HTML 16Page - Micronas MAS3587F Datasheet HTML 17Page - Micronas MAS3587F Datasheet HTML 18Page - Micronas MAS3587F Datasheet HTML 19Page - Micronas MAS3587F Datasheet HTML 20Page - Micronas MAS3587F Datasheet HTML 21Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 82 page
background image
ADVANCE INFORMATION
MAS 3587F
Micronas
17
3. I2C Interface
3.1. General
3.1.1. Device Address
Controlling the MAS 3587F is done via an I2C slave
interface. The device addresses are 3C/3Ehex (device
write) and 3D/3Fhex (device read) as shown in Table 3–
1. The device address pair 3C/3Dhex applies if the DVS
pin is connected to VSS, the device address pair 3E/
3Fhex applies if the DVS pin is connected to VDD.
I2C clock synchronization is used to slow down the
interface if required.
3.1.2. I2C Registers and Subaddresses
The interface uses one level of subaddresses. The
MAS 3587F interface has 7 subaddresses allocated
for the corresponding I2C registers. The registers can
be divided into three categories as shown in Table 3–2.
The address 6Ahex is used for basic control, i.e. reset
and task select. The other addresses are used for data
transfer from/to the MAS 3587F.
The I2C registers of the MAS 3587F are 16 bits wide,
the MSB is denoted as bit[15]. Transmissions via I2C
bus have to take place in 16-bit words (two byte trans-
fers, MSB sent first); thus, for each register access,
two 8-bit data words must be sent/received via I2C
bus.
Table 3–1: I2C device address
A7
A6
A5
A4
A3
A2
A1
W/R
001
111DVS
0/1
Table 3–2: I2C Subaddresses
Sub-
address
(hex)
I2C-
Register
Name
Function
Direct Configuration
6A
CON-
TROL
Controller writes to
MAS 3587F control register
76
DCCF
Controller writes to first
DC/DC configuration regis-
ter
77
DCFR
Controller writes to
second DC/DC config reg.
DSP Core Access
68
DATA
(WRITE)
Controller writes to
MAS 3587F DSP
69
DATA
(READ)
Controller reads from
MAS 3587F DSP
Codec Access
6C
CODEC
(WRITE)
Controller writes to
MAS 3587F codec register
6D
CODEC
(READ)
Controller reads from
MAS 3587F codec register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com