Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 18 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 18 Page - Micronas

Back Button MAS3587F Datasheet HTML 14Page - Micronas MAS3587F Datasheet HTML 15Page - Micronas MAS3587F Datasheet HTML 16Page - Micronas MAS3587F Datasheet HTML 17Page - Micronas MAS3587F Datasheet HTML 18Page - Micronas MAS3587F Datasheet HTML 19Page - Micronas MAS3587F Datasheet HTML 20Page - Micronas MAS3587F Datasheet HTML 21Page - Micronas MAS3587F Datasheet HTML 22Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 82 page
background image
MAS 3587F
ADVANCE INFORMATION
18
Micronas
3.1.3. Naming Convention
The description of the various controller commands
uses the following formalism:
– Abbreviations used in the following descriptions:
a
address
d
data value
n
count value
o
offset value
r
register number
x
don’t care
– A data value is split into 4-bit nibbles which are num-
bered beginning with 0 for the least significant nib-
ble.
– Data values in nibbles are always shown in hexa-
decimal notation.
– A hexadecimal 20-bit number d is written, e.g. as
d = 17C63hex, its five nibbles are
d0 = 3hex, d1 = 6hex, d2 = Chex, d3 = 7hex, and
d4 = 1hex.
– Variables used in the following descriptions:
I2C address:
DW
3C/3Ehex
DR
3D/3Fhex
DSP core:
data_write
68hex
data_read
69hex
Codec:
codec_write 6Chex
codec_read 6Dhex
– Bus signals
SStart
PStop
AACK = Acknowledge
N
NAK = Not acknowledge
W Wait = I2C Clockline is held low,
while the MAS 3587F is processing
the I2C command
– Symbols in the telegram examples
<
Start Condition
>
Stop
dd
data bytes
xx
ignore
All telegram numbers are hexadecimal, data origi-
nating from the MAS 3587F are greyed.
Example:
<DW 68 dd dd>
write data to DSP
<DW 69 <DR dd dd>
read data from DSP
and stop with NAK
Fig. 3–1 shows I2C bus protocols for write and read
operations of the interface; the read operations require
an extra start condition and repetition of the chip
address with the device read command (DR). Fields
with signals/data originating from the MAS 3587F are
marked by a gray background. Note that in some
cases the data reading process must be concluded by
a NAK condition.
Fig. 3–1: Example of an I2C bus protocol for the MAS 3587F (MSB first; data must be stable while clock is high)
SDA
SCL
1
0
S
P
Start
Stop
A
N
S
P
=
=
=
=
0 (ACK)
1 (NAK)
NP
low data word
high data word
A
DR
S
A
subaddress
A
DW
S
A
low data word
A
high data word
A
subaddress
A
DW
S
A
P
Example: I2C write access
Example: I2C read access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com