Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 69 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 69 Page - Micronas

Back Button MAS3587F Datasheet HTML 65Page - Micronas MAS3587F Datasheet HTML 66Page - Micronas MAS3587F Datasheet HTML 67Page - Micronas MAS3587F Datasheet HTML 68Page - Micronas MAS3587F Datasheet HTML 69Page - Micronas MAS3587F Datasheet HTML 70Page - Micronas MAS3587F Datasheet HTML 71Page - Micronas MAS3587F Datasheet HTML 72Page - Micronas MAS3587F Datasheet HTML 73Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 82 page
background image
ADVANCE INFORMATION
MAS 3587F
Micronas
69
4.6.3.5. S/PDIF Output Characteristics
at TA = TA2, VSUPD, VSUPA = 2.5 ... 3.6 V, fCrystal = 18.432 MHz, Typ. values for TA = 25 °C.
Fig. 4–25: Timing of the S/PDIF output
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
fs1
Bi-phase frequency
SPDO
3.072
MHz
fs = 48 kHz
fs2
Bi-phase frequency
SPDO
2.822
MHz
fs = 44.1 kHz
fs3
Bi-phase frequency
SPDO
2.048
MHz
fs = 32 kHz
tP
Bi-phase period
SPDO
326
ns
at fs = 48 kHz, (highest
sampling rate)
tR
Rise time
SPDO
0
2
ns
Cload =10pF
tF
Fall time
SPDO
0
2
ns
Cload =10pF
Duty cycle
SPDO
50
%
tH1,L1
SPDO
163
ns
minimum/maximum pulse
duration with a level above
90 % or below 10 % and
at fs =48 kHz
tH0,L0
SPDO
326
ns
minimum/maximum pulse
duration with a level above
90 % or below 10 % and
at fs =48 kHz
VS
Signal amplitude
SPDO
VSUPD
tP
tR
tF
Bit value = 1
Bit value = 0
tH1
tL1
tH0
tL0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com