Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 9 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 9 Page - Micronas

Back Button MAS3587F Datasheet HTML 5Page - Micronas MAS3587F Datasheet HTML 6Page - Micronas MAS3587F Datasheet HTML 7Page - Micronas MAS3587F Datasheet HTML 8Page - Micronas MAS3587F Datasheet HTML 9Page - Micronas MAS3587F Datasheet HTML 10Page - Micronas MAS3587F Datasheet HTML 11Page - Micronas MAS3587F Datasheet HTML 12Page - Micronas MAS3587F Datasheet HTML 13Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
ADVANCE INFORMATION
MAS 3587F
Micronas
9
2.5.2. Program Download Feature
The standard functions of the MAS 3587F can be
extended or substituted by downloading up to 4kWords
(1 Word = 20 bits) of program code and additionally up
to 4kWords of coefficients into the internal RAM.
The code must be downloaded by the Fast Program
Download
command
(see
Section
3.3.1.14.
on
page 31) into an area of RAM that is switchable from
data memory to program memory. A Run command
(see Section 3.3.1.1. on page 25) starts the operation.
2.6. Audio Codec
A sophisticated set of audio converters and sound fea-
tures has been implemented to comply with various
kinds of operating environments that range up to high-
end equipment (see Fig. 2–4).
Fig. 2–4: Signal flow block diagram of Audio Codec
2.7. A/D Converter and Microphone Amplifier
A pair of A/D converters is provided for recording or
loop-through purposes. In addition, a microphone
amplifier including voltage supply function for an elec-
tret type microphone has been integrated.
2.7.1. Baseband Processing
The several baseband functions are applied to the dig-
ital audio signal immediately before D/A conversion.
2.7.1.1. Bass, Treble, and Loudness
Standard baseband functions such as bass, treble,
and loudness are provided (refer to Table 3–12 on
page 43 for details).
2.7.2. Micronas Dynamic Bass (MDB)
The Micronas Dynamic Bass system (MDB) was
developed to extend the frequency range of loud-
speakers or headphones below the cutoff frequency of
the speakers. In addition to dynamically amplifying the
low frequency bass signals, the MDB exploits the psy-
choacoustic phenomenon of the ‘missing fundamen-
tal’. Adding harmonics of the frequency components
below the cutoff frequency gives the impression of
actually hearing the low frequency fundamental, while
at the same time retaining the loudness of the original
signal. Due to the parametric implementation of the
MDB, it can be customized to create different bass
effects and adapted to various loudspeaker character-
istics (see Section 3.4.4. on page 49).
2.7.2.1. Automatic Volume Control (AVC)
In a collection of tracks from different sources fairly
often the average volume level varies. Especially in a
noisy listening environment the user must adjust the
volume to achieve a comfortable listening enjoyment.
The Automatic Volume Correction (AVC) solves this
problem by equalizing the volume level.
To prevent clipping, the AVC's gain decreases quickly
in dynamic boost conditions. To suppress oscillation
effects, the gain increases rather slowly for low level
inputs. The decay time is programmable by means of
the AVC register (see Table 3–12 on page 43).
For input levels of -18 dBr to 0 dBr, the AVC maintains
a fixed output level of -9 dBr. Fig. 2–5 shows the AVC
output level versus its input level. For volume and
baseband registers set to 0 dB, a level of 0 dBr corre-
sponds to full scale input/output.
Fig. 2–5: Simplified AVC characteristics
Mic-In
A
D
A
D
Line-In
Mono
Mixer
Mono/Stereo
AVC
Bass/Treble
Loudness
Right invert
A
D
A
D
Volume
Balance
Audio
Codec
Mic-Amplifier incl. Bias
Output
MDB
Q-peak
Q-peak
−30
−24
−18
−12
−6
+6
input level
−15
−21
−9
output level
dBr
dBr
0
OFF
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com