Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 79 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 79 Page - Micronas

Back Button MAS3587F Datasheet HTML 74Page - Micronas MAS3587F Datasheet HTML 75Page - Micronas MAS3587F Datasheet HTML 76Page - Micronas MAS3587F Datasheet HTML 77Page - Micronas MAS3587F Datasheet HTML 78Page - Micronas MAS3587F Datasheet HTML 79Page - Micronas MAS3587F Datasheet HTML 80Page - Micronas MAS3587F Datasheet HTML 81Page - Micronas MAS3587F Datasheet HTML 82Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 79 / 82 page
background image
SIBD
SIBC
SIBI
SPDI2
SPDI1
SPDIR
FILTL
AVDD0
OUTL
OUTR
AVSS0
FILTR
AVSS1
VREF
PVDD
AVDD1
PR
PRTWQ
PRTRQ
EODQ
PUP
VBAT
SYNC
I2CD
I2CC
CLKO
DCEN
VSENS2
DCSO2
DCSG2
DCSG1
DCSO1
MAS 3587F
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
12
3
4
56789
10 11 12 13 14 15 16
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33
470p
470p
3n
10n
22u
3u3
10n
100n
220p
1n
1.5u
4u7
18.432 MHz
1n
1.5u
D
A
D
A
VDC2
18p
18p
5
4k7
4k7
VDC1
220u
220u
22
22
75
75
100
100
1.5k
1.5k
6.8n
6.8n
A
100n
100n
390n
390n
390 n
A
390p
390p
3.6...5.6 k
MIC
LR
Headphone
> 16
Ω
CD/DVD-player
IEC 958
IEC 958
DigiAmp
Serial memory device
e.g. SD-Card
2
MPEG
3
3
8
I2S
−I/O
Parallel memory device
e.g. SmartMediaCard,
PIO-control
MPEG
See figure caption
µC
VDC1
Tape recorder
FM radio
VDC1
VDC1
VDC1
Option for
Reference
clock
Place VDD / XVDD -filter
capacitors above ground plane
10k
A
D
Star point
DCSG1 and DCSG2
ground connection
D
D
D
10k
Place all cermic capacitors
as close as possible to IC pins
470p capacitorss should be
high-Q (NP0 or C0G)
very close to pins
I2C-address
connect to
VSS or I2CVDD
separate trace
VDC1
VDC2
Hard Disk
3.3 n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com