Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 39 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 39 Page - Micronas

Back Button MAS3587F Datasheet HTML 35Page - Micronas MAS3587F Datasheet HTML 36Page - Micronas MAS3587F Datasheet HTML 37Page - Micronas MAS3587F Datasheet HTML 38Page - Micronas MAS3587F Datasheet HTML 39Page - Micronas MAS3587F Datasheet HTML 40Page - Micronas MAS3587F Datasheet HTML 41Page - Micronas MAS3587F Datasheet HTML 42Page - Micronas MAS3587F Datasheet HTML 43Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
ADVANCE INFORMATION
MAS 3587F
Micronas
39
D0:FD2
MPEG Header Information
All
bit[15:12]
MPEG Layer 2/3 Bitrate
MPEG1, L2
MPEG1, L3
MPEG2, L2/3
0000
free
free
free
0001
32
32
8
0010
48
40
16
0011
56
48
24
0100
64
56
32
0101
80
64
40
0110
96
80
48
0111
112
96
56
1000
128
112
64
1001
160
128
80
1010
192
160
96
1011
224
192
112
1100
256
224
128
1101
320
256
144
1110
384
320
160
1111
forbidden
forbidden
forbidden
bit[11:10]
Sampling frequencies in Hz
MPEG1
MPEG2
MPEG2.5
00
44100
22050
11025
01
48000
24000
12000
10
32000
16000
8000
11
reserved
reserved
reserved
bit[9]
Padding Bit
bit[8]
reserved
bit[7:6]
Mode
00
stereo
01
joint_stereo (intensity stereo / m/s stereo)
10
dual channel
11
single channel
bit[5:4]
Mode extension (applies to joint stereo only)
intensity stereo
m/s stereo
00
off
off
01
on
off
10
off
on
11
on
on
bit[3]
Copyright Protect Bit
0/1
not copyright protected/copyright protected
bit[2]
Copy/Original Bit
0/1
bitstream is a copy/bitstream is an original
...
MPEGStatus2
Table 3–8: D0 Status Memory Cells
Memory
Address
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com