Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 59 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 59 Page - Micronas

Back Button MAS3587F Datasheet HTML 55Page - Micronas MAS3587F Datasheet HTML 56Page - Micronas MAS3587F Datasheet HTML 57Page - Micronas MAS3587F Datasheet HTML 58Page - Micronas MAS3587F Datasheet HTML 59Page - Micronas MAS3587F Datasheet HTML 60Page - Micronas MAS3587F Datasheet HTML 61Page - Micronas MAS3587F Datasheet HTML 62Page - Micronas MAS3587F Datasheet HTML 63Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 82 page
background image
ADVANCE INFORMATION
MAS 3587F
Micronas
59
4.6.2. Recommended Operating Conditions
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Temperature Range 1 and Supply Voltages
TA1
Ambient temperature range 1
−40
85
°C
VSUPD1
Digital supply voltage
(MPEG decoder)
VDD, XVDD
2.2
2.5
3.9
V
VSUPD2
Digital supply voltage
(MPEG 1 encoder)
3.5
3.9
Digital supply voltage
(MPEG 2 encoder)
2.7
3.9
VSUPI2C
I2C bus supply voltage
I2CVDD
VSUPDn
1)
at VDD
3.9
V
VSUPA
Analog audio supply voltage
AVDD0/1
2.2
2.7
3.9
V
Analog audio supply voltage in
relation to the digital supply volt-
age
0.62
1.6
VSUPD
VSUPx
PIN supply voltage in relation to
digital supply voltage
XVDD
0.62
1.6
VSUPD
1) n=1,2
Table 4–1: Reference Frequency Generation and Crystal Recommendation
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
External Clock Input Recommendations
fCLK
Clock frequency
XTI, XTO
13.00
18.432
20.00
MHz
VCLKI
Clockamplitude of external clock
fed into XTI at VAVDD =2.2 V
XTI
0.7
1.05
VPP
Clockamplitude of external clock
fed into XTI at VAVDD =2.7 V
0.55
1.5
Clockamplitude of external clock
fed into XTI at VAVDD =3.3 V
0.45
1.75
Clockamplitude of external clock
fed into XTO at VAVDD =2.2 V
XTO
1.25
2.2
Clockamplitude of external clock
fed into XTO at VAVDD =2.7 V
0.75
2.7
Clockamplitude of external clock
fed into XTO at VAVDD =3.3 V
0.55
3.3
Duty cycle
XTI, XTO
455055%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com