Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 40 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 40 Page - Micronas

Back Button MAS3587F Datasheet HTML 36Page - Micronas MAS3587F Datasheet HTML 37Page - Micronas MAS3587F Datasheet HTML 38Page - Micronas MAS3587F Datasheet HTML 39Page - Micronas MAS3587F Datasheet HTML 40Page - Micronas MAS3587F Datasheet HTML 41Page - Micronas MAS3587F Datasheet HTML 42Page - Micronas MAS3587F Datasheet HTML 43Page - Micronas MAS3587F Datasheet HTML 44Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 82 page
background image
MAS 3587F
ADVANCE INFORMATION
40
Micronas
3.3.4. Ancillary Data
The memory fields D0:FD5...D0:ff1 contain the ancil-
lary data. It is organized in 28 words of 16 bit each.
The last ancillary bit of a frame is placed at bit 0 in
D0:FD5. The position of the first ancillary data bit
received can be located via the content of NumberO-
fAncillaryBits because
int[(NumberOfAncillaryBits-1)/16] + 1
of memory words are used.
Example:
First get the content of ’NumberOfAncillaryBits’
<DW 68 c4 00 00 01 0f d4>
<DW 69 <DR dd dd>
Assume that the MAS 3587F has received 19 ancillary
data bits. Therefore, it is necessary to read two 16-bit
words:
<DW 68 c4 00
Short Read from D0
00 02 0f d5>
read 2 words starting at D0:fd5
<DW 69 <DR dd dd
dd dd>
receive the 2 16-bit words
The first bit received from the MPEG source is at posi-
tion 2 of D0:FD6; the last bit received is at the LSB of
D0:fd5.
D0:FD2
(continued)
MPEG Header Information, continued
bit[1:0]
Emphasis, indicates the type of emphasis
00
none
01
50/15
µs
10
reserved
11
CCITT J.17
This memory cell contains the 16 LSBs of the MPEG header. It will be set
directly after synchronizing to the bit stream.
MPEGStatus2
D0:FD3
MPEG CRC Error Counter
Decoder
The counter will be increased by each CRC error detected in the MPEG bis-
stream. It will not be reset when losing the synchronization.
CRCErrorCount
D0:FD4
Number of Bits in Ancillary Data
Decoder
Number of valid ancillary bits in the current MPEG frame.
NumberOfAncillary-
Bits
D0:FD5
...
D0:FF1
Ancillary Data
Decoder
(see Section 3.3.4. on page 40).
AncillaryData
Table 3–8: D0 Status Memory Cells
Memory
Address
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com