Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 62 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 62 Page - Micronas

Back Button MAS3587F Datasheet HTML 58Page - Micronas MAS3587F Datasheet HTML 59Page - Micronas MAS3587F Datasheet HTML 60Page - Micronas MAS3587F Datasheet HTML 61Page - Micronas MAS3587F Datasheet HTML 62Page - Micronas MAS3587F Datasheet HTML 63Page - Micronas MAS3587F Datasheet HTML 64Page - Micronas MAS3587F Datasheet HTML 65Page - Micronas MAS3587F Datasheet HTML 66Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 82 page
background image
MAS 3587F
ADVANCE INFORMATION
62
Micronas
4.6.3. Digital Characteristics
at TA = TA2, VSUPDn, VSUPA = 2.5 ... 3.6 V, fCrystal = 18.432 MHz, Typ. values for TA = 25 °C
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
Digital Supply Voltage
ISUPD1
Current consumption
(MPEG decoding)
VDD,
XVDD,
I2CVDD
39
mA
2.5 V, sampling frequency
≥ 32 kHz
20
2.5 V, sampling frequency
≤ 24 kHz
11
2.5 V, sampling frequency
≤ 12 kHz
ISUPD2
Current consumption
(MPEG encoding)
145
3.5 V, sampling frequency
≥ 32 kHz
70
2.7 V, sampling frequency
≤ 24 kHz
ISTANDBY
Total current at stand-by
10
µA
DSP off, Codec off, DC
/DC off, A/D and
D/AC off, no I2C access
Digital Outputs and Inputs
ODigL
Output low voltage
PI<i>,
SOI,
SOC,
SOD,
EOD,
PRTR,
PRTW,
CLKO,
SYNC,
PUP,
SPDO
0.3
V
Iload = 2 mA
ODigH
Output low voltage
VSUPD
−0.3
VIload = −2mA
ZDigI
Input impedance
all digital Inputs
7
pF
IDLeak
Digital input leakage current
−11
µA
0 V < Vpin < VSUPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com