Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 51 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 51 Page - Micronas

Back Button MAS3587F Datasheet HTML 47Page - Micronas MAS3587F Datasheet HTML 48Page - Micronas MAS3587F Datasheet HTML 49Page - Micronas MAS3587F Datasheet HTML 50Page - Micronas MAS3587F Datasheet HTML 51Page - Micronas MAS3587F Datasheet HTML 52Page - Micronas MAS3587F Datasheet HTML 53Page - Micronas MAS3587F Datasheet HTML 54Page - Micronas MAS3587F Datasheet HTML 55Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 82 page
background image
ADVANCE INFORMATION
MAS 3587F
Micronas
51
13
XVDD
SUPPLY
X
Digital output supply
14
I2CVDD
SUPPLY
X
I2C supply
15
DVS
IN
X
I2C device address selector
16
VSENS1
IN/OUT
VDD
Sense input and power output
of DC/DC 1 converter
17
DCSO1
SUPPLY
LV
DC/DC 1 switch output
18
DCSG1
SUPPLY
VSS
DC/DC 1 switch ground
19
DCSG2
SUPPLY
VSS
DC/DC 2 switch ground
20
DCSO2
SUPPLY
LV
DC/DC 2 switch output
21
VSENS2
IN/OUT
VDD
Sense input and power output
of DC/DC 2converter
22
DCEN
IN
VSS
DC/DC enable (both converters)
23
CLKO
OUT
LV
Clock output
24
I2CC
IN/OUT
X
I2C clock
25
I2CD
IN/OUT
X
I2C data
26
SYNC
OUT
LV
Sync output
27
VBAT
IN
LV
Battery voltage monitor input
28
PUP
OUT
LV
DC Converter Power-Up Signal
29
EOD
OUT
LV
PIO end of DMA, active low
30
PRTR
OUT
LV
PIO ready to read, active low
31
PRTW
OUT
LV
PIO ready to write, active low
32
PR
IN
VDD
PIO DMA request, active high
33
PCS
IN
VSS
PIO chip select, active low
34
PI19
IN/OUT
LV
PIO data bit 7 (MSB)
35
PI18
IN/OUT
LV
PIO data bit 6
36
PI17
IN/OUT
LV
PIO data bit 5
37
PI16
IN/OUT
LV
PIO data bit 4
38
PI15
IN/OUT
LV
PIO data bit 3
39
PI14
IN/OUT
LV
PIO data bit 2
40
PI13
IN/OUT
LV
PIO data bit 1
41
PI12
IN/OUT
LV
PIO data bit 0 (LSB)
42
SOD
OUT
LV
Serial output data
Pin No.
PLQFP
64-pin
Pin Name
Type
Default
Connection
(if not used)
Short Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com