Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 61 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 61 Page - Micronas

Back Button MAS3587F Datasheet HTML 57Page - Micronas MAS3587F Datasheet HTML 58Page - Micronas MAS3587F Datasheet HTML 59Page - Micronas MAS3587F Datasheet HTML 60Page - Micronas MAS3587F Datasheet HTML 61Page - Micronas MAS3587F Datasheet HTML 62Page - Micronas MAS3587F Datasheet HTML 63Page - Micronas MAS3587F Datasheet HTML 64Page - Micronas MAS3587F Datasheet HTML 65Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 82 page
background image
ADVANCE INFORMATION
MAS 3587F
Micronas
61
Table 4–3: Analog Input and Output Recommendations
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Analog Reference
CAGNDC1
Analog filter capacitor
AGNDC
1.0
3.3
µF
CAGNDC2
Ceramic capacitor in parallel
10
nF
CPVDD
Capacitor for analog circuitry
PVDD
3
nF
Analog Audio Inputs
CinAD
DC-decoupling capacitor at A/D-
converter inputs
INL/R
390
nF
CinMI
DC-decoupling capacitor at
microphone-input
MICIN
390
nF
CLMICBI
Minimum-Capacitance at micro-
phone bias
MICBI
3.3
nF
Analog Audio Filter Outputs
CFILT
Filter capacitor for headphone
amplifier
high-Q type,
NP0 or C0G material
FILTL/R
OUTL/R
−20 %
470
+20 %
pF
Analog Audio Output
ZAOL_HP
Analog output load with stereo
headphones
OUTL/R
16
Ω
100
pF
DC/DC-Converter External Circuitry (please refer to application example)
C1
VSENS blocking
(<100 m
Ω ESR)
VSENS1/2
330
µF
VTH
Schottky diode threshold voltage
DCSO1/2
VSENS1/2
0.35
V
L
Ferrite ring core coil inductance
DCSO1/2
22
µH
S/PDIF Interface Analog Input
CSPI
S/PDIF coupling capacitor
SPDI1/2
SPDIR
100
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com