Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 7 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 7 Page - Micronas

Back Button MAS3587F Datasheet HTML 3Page - Micronas MAS3587F Datasheet HTML 4Page - Micronas MAS3587F Datasheet HTML 5Page - Micronas MAS3587F Datasheet HTML 6Page - Micronas MAS3587F Datasheet HTML 7Page - Micronas MAS3587F Datasheet HTML 8Page - Micronas MAS3587F Datasheet HTML 9Page - Micronas MAS3587F Datasheet HTML 10Page - Micronas MAS3587F Datasheet HTML 11Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
ADVANCE INFORMATION
MAS 3587F
Micronas
7
2. Functional Description of the MAS 3587F
2.1. Overview
The MAS 3587F is intended for use in consumer audio
applications. It encodes analog audio input, PCM data
or S/PDIF signals to variable bit rate MPEG 1/2 Layer
3 data streams. The compressed data is stored in an
external memory via the parallel port. For playback it
receives S/PDIF, parallel or serial data streams and
decodes MPEG Layer 2 and 3 (including the low sam-
pling frequency extensions).
2.2. Architecture of the MAS 3587F
The hardware of the MAS 3587F consists of a high-
performance RISC Digital Signal Processor (DSP),
and appropriate interfaces. A hardware overview of the
IC is shown in Fig. 2–1.
2.3. DSP Core
The internal processor is a dedicated DSP for
advanced audio applications.
2.4. RAM and Registers
The DSP core has access to two RAM banks denoted
D0 and D1. All RAM addresses can be accessed in a
20-bit or a 16-bit mode via I2C bus. For fast access of
internal DSP states the processor core has an address
space of 256 data registers which can be accessed by
I2C bus. For more details please refer to Section 3.3.
on page 24.
Fig. 2–1: The MAS 3587F architecture
2
'63 &RUH
÷2
$XGLR&RGHF
Mic. Input
(incl. Bias)
Line Input
S/PDIF Input 1
S/PDIF Input 2
Serial Audio
(I2S, SDI)
Serial Audio
(stream, SDIB)
VBAT
V1
V2
Xtal
18.432 MHz
CLKO
Parallel
I/O Bus
(PIO)
I2C
S/PDIF
Output
Serial
Audio
(I2S, SDO)
Audio
Output
control
ALU
MAC
Accumulators
ROM
D0
D1
Registers
Div.
A/D
Audio
Proc.
D/A
Control
DCCF
DCFR
DSP
Codec
Volt.
Mon.
I2C
Interface
Div.
Scaler
Osc.
PLL
Synth.
Synthesizer
Clock
1
2
2
MIX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com