Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 11 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 11 Page - Micronas

Back Button MAS3587F Datasheet HTML 7Page - Micronas MAS3587F Datasheet HTML 8Page - Micronas MAS3587F Datasheet HTML 9Page - Micronas MAS3587F Datasheet HTML 10Page - Micronas MAS3587F Datasheet HTML 11Page - Micronas MAS3587F Datasheet HTML 12Page - Micronas MAS3587F Datasheet HTML 13Page - Micronas MAS3587F Datasheet HTML 14Page - Micronas MAS3587F Datasheet HTML 15Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
ADVANCE INFORMATION
MAS 3587F
Micronas
11
2.8.1. DSP Clock
The DSP clock has a separate divider. For power con-
servation it is set to the lowest acceptable rate of the
synthesizer clock which is capable to allow the proces-
sor core to perform all tasks.
2.8.2. Clock Output at CLKO
If the DSP or audio codec functions are enabled (bits
11 or 10 in the Control Register at I2C subaddress
6ahex), the reference clock at pin CLKO is derived from
the synthesizer clock.
Dependent on the sample rate of the decoded signal a
scaler is applied which automatically divides the clock-
out by 1, 2, or 4, as shown in Table 2–1. An additional
division by 2 may be selected by setting bit 17 of the
Output Clock Configuration memory cell, OutClkConfig
(see Table 3–7 on page 34). The scaler can be dis-
abled by setting bit 8 of this cell.
The controlling at OutClkConfig is only possible as
long as the DSP is operational (bit 10 of the Control
Register). Settings remain valid if the DSP is disabled
by clearing bit 10.
2.9. Power Supply Concept
The MAS 3587F has been designed for minimal power
dissipation. In order to optimize the battery manage-
ment in portable players, two DC/DC converters have
been implemented to supply the complete portable
audio player with regulated voltages.
2.9.1. Power Supply Regions
The MAS 3587F has five power supply regions.
The VDD/VSS pin pair supplies all digital parts includ-
ing the DSP core, the XVDD/XVSS pin pair is con-
nected to the digital signal pin output buffers, the
AVDD0/AVSS0 supply is for the analog output amplifi-
ers, AVDD1/AVSS1 for all other analog circuits like
clock oscillator, PLL circuits, system clock synthesizer
and A/D and D/A converters. The I2C interface has an
own supply region via pin I2CVDD. Connecting this to
the microcontroller supply assures that the I2C bus
always works as long as the microcontroller is alive so
that the operating modes can be selected.
Beside these regions, the DC/DC converters have
start-up circuits of their own which get their power via
pin VSENSx.
2.9.2. DC/DC Converters
The MAS 3587F has two embedded high-performance
step-up DC/DC converters with synchronous rectifiers
to supply both the DSP core itself and external circuitry
such as a controller or flash memory at two different
voltage levels. An overview is given in Fig. 2–7 on
page 12.
The DC/DC converters are designed to generate an
output voltage between 2.0 V and 3.5 V which can be
programmed separately for each converter via the I2C
interface (see Table 3–3 on page 20). Both converters
are of the bootstrapped type which allow start up from
a voltage down to 0.9 V for use with a single battery or
NiCd/NiMH cell. The default output voltages are 3.0 V.
Both converters are enabled with a high level at pin
DCEN and enabled/disabled by the I2C interface.
The MAS 3587F DC/DC converters feature a constant-
frequency, low noise pulse width modulation (PWM)
mode and a low quiescent current, pulse frequency
modulation (PFM) mode for improved efficiencies at
low current loads. Both modes – PWM or PFM – can
be selected independently for each converter via I2C
interface. The default mode is PWM.
In the PWM mode, the switching frequency of the
power-MOSFET-switches is derived from the crystal
oscillator. Switching harmonics generated by constant
frequency operation are consistent and predictable.
When the audio codec is enabled the switching fre-
quency of the converters is synchronised to the audio
codec clock to avoid interferences into the audio band.
The actual switching frequency can be selected via the
I2C-interface between 300 kHz and 580 kHz (for
details see DCFR Register in Table 3–3 on page 20).
In the PFM operation mode, the switching frequency is
controlled by the converters themself, it will be just
high enough to service the output load thus resulting in
the best possible efficiency at low current loads. PFM
mode does not need a clock signal from the crystal
oscillator. If both converters do not use the PWM-
mode, the crystal clock will be shut down as long it is
not needed from other internal blocks.
The synchronous rectifier bypasses the external
Schottky diode to reduce losses caused by the diode
forward voltage providing up to 5% efficiency improve-
ment. By default, the P-channel synchronous rectifier
switch is turned on when the voltage at pin(s) DCSOn
exceeds the converter’s output voltage at pin(s)
VSENSn and turns off when the inductor current drops
below a threshold. If one or both converters are dis-
abled, the corresponding P-channel switch will be
turned on, connecting the battery voltage to the DC/
DC converters output voltage at pin VSENSn. How-
ever, it is possible to individually disable both synchro-
nous rectifier switches by setting the corresponding
bits (bit 8 and 0 in DCCF-register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com