Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 74 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 74 Page - Micronas

Back Button MAS3587F Datasheet HTML 70Page - Micronas MAS3587F Datasheet HTML 71Page - Micronas MAS3587F Datasheet HTML 72Page - Micronas MAS3587F Datasheet HTML 73Page - Micronas MAS3587F Datasheet HTML 74Page - Micronas MAS3587F Datasheet HTML 75Page - Micronas MAS3587F Datasheet HTML 76Page - Micronas MAS3587F Datasheet HTML 77Page - Micronas MAS3587F Datasheet HTML 78Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 82 page
background image
MAS 3587F
ADVANCE INFORMATION
74
Micronas
SNRMI
Signal-to-noise ratio of
microphone input
MICIN
73
dB(A)
BW = 20 Hz...20 kHz,
analog gain=+21 dB, input
1kHz at VMI−20 dB
THDAI
Total harmonic distortion of
analog inputs
INL/R
MICIN
0,01
0.02
%
BW = 20 Hz...20 kHz,
analog gain = 0 dB,
resp. 24 dB,
input 1 kHz at
−3 dBFS=V
AI−6dB
resp. VMI-6 dB
XTALKAI
Crosstalk attenuation
left/right channel
(analog inputs)
INL/R
MICIN
80
dB
f = 1 kHz, sine wave,
analog gain = 0 dB,
input =
−3dBFS
PSRRAI
Power supply rejection ratio
for analog audio inputs
AVDD0/1,
INL/R
MICIN
45
dB
1 kHz sine at 100 mVrms
20
dB
≤100 kHz sine at
100 mVrms
Audio Output
SNRAO
Signal-to-noise ratio of analog
output
OUTL/R
94
dB(A)
RL≥16 Ω
BW = 20 Hz...20 kHz,
analog gain = 0 dB
input = -20 dBFS
THDAO
Total harmonic distortion
(headphone)
OUTL/R
for RL≥16Ω plus 22Ω series
resistor
(see Fig. 4–31 on page 80)
for RL≥1kΩ
0.03
0.003
0.05
0.01
%
%
LevMuteAO
Mute level
OUTL/R
−113
dBV
A-weighted
BW=20 Hz...22kHz , no
digital input signal,
analog gain=mute
XTALKAO
Crosstalk attenuation left/right
channel (headphone)
OUTLR
80
dB
f=1 kHz, sine wave,
OUTL/R: RL≥16 Ω
(see Fig. 4–31 on
page 80)
analog gain=0 dB
input=-3 dBFS
PSRRAO
Power supply rejection ratio
for analog audio outputs
AVDD0/1
OUTL/R
70
dB
1 kHz sine at 100 mVrms
35
dB
≤100 kHz sine at
100mVrms
VAGNDC
Analog Reference Voltage
AGNDC
V
RL >> 10 MΩ,
referred to VREF
VSUPA
Bits 15, 14 in
Reg. 6Ahex
1.1
>2.2 V
00
1.3
>2.4 V
01
1.6
>3.0 V
10
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com