Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 16 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 16 Page - Micronas

Back Button MAS3587F Datasheet HTML 12Page - Micronas MAS3587F Datasheet HTML 13Page - Micronas MAS3587F Datasheet HTML 14Page - Micronas MAS3587F Datasheet HTML 15Page - Micronas MAS3587F Datasheet HTML 16Page - Micronas MAS3587F Datasheet HTML 17Page - Micronas MAS3587F Datasheet HTML 18Page - Micronas MAS3587F Datasheet HTML 19Page - Micronas MAS3587F Datasheet HTML 20Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 82 page
background image
MAS 3587F
ADVANCE INFORMATION
16
Micronas
2.13.3. Control of the Signal Processing
Before starting the DSP, the controller should check for
a sufficient voltage supply (respective flag PUPn at I2C
subaddress 76hex). The DSP is enabled by setting the
appropriate bit in the Control register (I2C subaddress
6ahex). The nominal frequency of the crystal oscillator
must be written into D0:7f3. After an initialization
phase of 5 ms, the DSP data registers can be
accessed via I2C (see Table 3–3 on page 20).
Input and output control is performed via memory loca-
tion D0:7f1 and D0:7f2. The parallel interface (PIO) is
the default setting for compressed data. The decoded
audio can be routed to either the SPDIF, the SDO and
the analog outputs. The output clock signal at pin
CLKO is defined in D0:7f4. The specific settings for
audio encoding are written to memory location D0:7f0
(continued).
All changes in the D0-memory cells become effective
synchronously upon setting the LSB of Main I/O Con-
trol (see Table 3–7 on page 34).
The common way to start encoding or decoding is to
perform all necessary settings and switch on the appli-
cation by selecting the desired bit(s) in the Application
Selection memory cell (D0:7f6) (see Table 3–6 on
page 33).
The digital volume control (see Table 3–7 on page 34)
is applied to the output signal of the DSP. The decoded
audio data is by default available at the SPDIF 1 output
interface (for MPEG 1 sampling frequencies).
The DSP does not have to be started if its functions
are not needed, e.g. for routing audio via the A/D and
the D/A converters through the codec part of the IC.
2.13.4. Start-up of the Audio Codec
(see Table 3–3 on page 20)
Before enabling the audio codec, the controller should
check for a sufficient voltage supply (respective flag
PUPn at I2C subaddress 76hex).
The audio codec is enabled by setting the appropriate
bit at the Control register (I2C subaddress 6ahex). After
an initialization phase of 5 ms, the DSP data registers
can be accessed via I2C. The A/D and the D/A con-
verters must be switched on explicitly (00 00hex at I
2C
subaddress 6chex). The D/A converters may either
accept data from the A/D converters or the output of
the DSP, or a mix of both (register 00 06hex and 00
07hex at I
2C subaddress 6c
hex). Finally, an appropriate
output volume (00 10hex at I
2C subaddress 6c
hex) must
be selected.
2.13.5. Power-Down (see Table 3–3 on page 20)
All analog outputs should be muted and the A/D and
the D/A converters must be switched off (register
00 10hex and 00 00hex at I
2C subaddress 6c
hex). The
DSP and the audio codec must be disabled (clear
DSP_EN and CODEC_EN bits in the Control register,
I2C subaddress 6ahex). By clearing both DC/DC
enable flags in the Control register (I2C subaddress
6ahex), the microcontroller can power down the com-
plete system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com