Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 73 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 73 Page - Micronas

Back Button MAS3587F Datasheet HTML 69Page - Micronas MAS3587F Datasheet HTML 70Page - Micronas MAS3587F Datasheet HTML 71Page - Micronas MAS3587F Datasheet HTML 72Page - Micronas MAS3587F Datasheet HTML 73Page - Micronas MAS3587F Datasheet HTML 74Page - Micronas MAS3587F Datasheet HTML 75Page - Micronas MAS3587F Datasheet HTML 76Page - Micronas MAS3587F Datasheet HTML 77Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 82 page
background image
ADVANCE INFORMATION
MAS 3587F
Micronas
73
VAO1
Analog Output Voltage AC
OUTL/R
RL≥1kΩ
Input=0 dBFS digital
VSUPA
Bits 15, 14
in Reg 6Ahex
at 0 dB output gain
1.56
Vpp
>2.2 V
00
1.84
>2.4 V
01
2.27
>3.0 V
10
at +3 dB output gain
2.20
Vpp
>2.2 V
00
2.60
>2.6 V
01
3.20
>3.2 V
10
dVAO1
Deviation of DC-Level at
Analog Output for AGNDC-
Voltage
OUTL/R
−20
20
mV
VAO2
Analog Output Voltage AC
OUTL/R
RLis 16 Ω Headphone and
22
Ω seriesresistor
Input=0 dBFS digital
(see Fig. 4–31 on
page 80)
VSUPA
Bits 15, 14
in Reg 6Ahex
at 0 dB output gain
1.56
Vpp
>2.2 V
00
1.84
>2.4 V
01
2.27
>3.0 V
10
at +3 dB output gain
2.00
Vpp
>2.2 V
00
2.40
>2.6 V
01
3.00
>3.2 V
10
RinAI
Analog line input resistance
INL/R
97
k
at minimum analog input
gain, i.e.
−3dB
20
at maximum analog input
gain, i.e. +19.5 dB
67
not selected
RinMI
Microphone input resistance
MICIN
94
k
at minimum analog input
gain, i.e.
−21 dB
8
at maximum analog input
gain, i.e. +43.5 dB
94
not selected
RinAO
Analog output resistance
OUTL/R
6
analog gain=+3 dB,
Input=0 dBFS digital
SNRAI
Signal-to-noise ratio of line
input
INL/R
74
dB(A)
BW = 20 Hz...20 kHz,
analog gain=0 dB, input
1kHz at VAI−20 dB
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com