Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 20 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 20 Page - Micronas

Back Button MAS3587F Datasheet HTML 16Page - Micronas MAS3587F Datasheet HTML 17Page - Micronas MAS3587F Datasheet HTML 18Page - Micronas MAS3587F Datasheet HTML 19Page - Micronas MAS3587F Datasheet HTML 20Page - Micronas MAS3587F Datasheet HTML 21Page - Micronas MAS3587F Datasheet HTML 22Page - Micronas MAS3587F Datasheet HTML 23Page - Micronas MAS3587F Datasheet HTML 24Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 82 page
background image
MAS 3587F
ADVANCE INFORMATION
20
Micronas
Table 3–3: Direct Configuration Registers
I2C Sub-
address
(hex)
Function
Name
6A
Control Register (reset value = 3000hex)
bit[15:14]
Analog Supply Voltage Range
Code
AGNDC
recommended for voltage range of AVDD
00
1.1 V
2.0 ... 2.4 V (reset)
01
1.3 V
2.4 ... 3.0 V
10
1.6 V
3.0 ... 3.6 V
11
reserved
reserved
Higher voltage ranges permit higher output levels and thus a better signal-to-
noise ratio.
bit[13]
enable DC/DC 2 (reset=1)
bit[12]
enable DC/DC 1 (reset=1)
Both DC/DC converters are switched on by default.
bit[11]
enable and reset audio codec
bit[10]
enable and reset DSP core
For normal operation (MPEG-decoding and D/A conversion), both, the DSP
core and the audio codec have to be enabled after the power-up procedure.
The DSP can be left off if an audio signal is routed from the analog inputs to
the analog outputs (set bit[15] in codec register 00 0Fhex). The audio codec
can be left off if the DSP uses digital inputs and outputs only.
bit[9]
reset codec
bit[8]
reset DSP core
bit[7] 1)
reserved, must be set to zero
bit[6:0]
reserved, must be set to zero
CONTROL
1) usage in the next version: enable XTAL input clock divider (extended crystal range up to 28 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com