Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 72 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 72 Page - Micronas

Back Button MAS3587F Datasheet HTML 68Page - Micronas MAS3587F Datasheet HTML 69Page - Micronas MAS3587F Datasheet HTML 70Page - Micronas MAS3587F Datasheet HTML 71Page - Micronas MAS3587F Datasheet HTML 72Page - Micronas MAS3587F Datasheet HTML 73Page - Micronas MAS3587F Datasheet HTML 74Page - Micronas MAS3587F Datasheet HTML 75Page - Micronas MAS3587F Datasheet HTML 76Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 82 page
background image
MAS 3587F
ADVANCE INFORMATION
72
Micronas
4.6.4. Analog Characteristics
at TA = TA2, VSUPD = 2.5...3.6 V, VSUPA = 2.2 ... 3.6 V, fCrystal = 13...20 MHz,
typical values at TA = 25 °C and fCRYSTAL =18.432MHz
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
Analog Supply
IAVDD
Current consumption analog
audio
AVDD0/1
5
mA
VSUPA = 2.2 V, Mute
IQOSC
Current consumption crystal
oscillator
AVDD0/1
200
µA
Codec = off
DSP = off
DC/DC = on
ISTANDBY
10
Codec = off
DSP = off
DC/DC = off
Crystal Oscillator
VDCCLK
DC voltage at oscillator pins
XTI, XTO
0.5
VSUPA
VACLK
Clock amplitude
0.5
VSUPA
−0.5
VPP
if crystal is used
CIN
Input capacitance
3
pF
ROUT
Output resistance
XTO
220
Ω
VSUPA =2.2 V
125
VSUPA =2.7 V
94
VSUPA =3.3 V
Analog Audio
VAI
Analog line input clipping
level (at minimum analog
input gain,i.e.
−3dB)
INL/R
Vpp
VSUPA
Bits 15, 14
in Reg. 6Ahex
2.2
>2.2 V
00
2.6
>2.4 V
01
3.2
>3.0 V
10
VMI
Microphone input clipping
level (at minimum analog
input gain, i.e. +21 dB)
MICIN
mVpp
VSUPA
Bits 15,14
in Reg. 6Ahex
141
>2.0 V
00
167
>2.4 V
01
282
>3.0 V
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com