Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 21 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 21 Page - Micronas

Back Button MAS3587F Datasheet HTML 17Page - Micronas MAS3587F Datasheet HTML 18Page - Micronas MAS3587F Datasheet HTML 19Page - Micronas MAS3587F Datasheet HTML 20Page - Micronas MAS3587F Datasheet HTML 21Page - Micronas MAS3587F Datasheet HTML 22Page - Micronas MAS3587F Datasheet HTML 23Page - Micronas MAS3587F Datasheet HTML 24Page - Micronas MAS3587F Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
ADVANCE INFORMATION
MAS 3587F
Micronas
21
76
DCCF Register (reset = 5050hex)
DCCF
DC/DC Converter 2
bit[15]
PUP2: Voltage monitor 2 flag (readback)
bit[14:11]
Voltage between VSENS2 and DCSG2
Code
Nominal
set level
reset level
output volt. of PUP2
of PUP2
1111
3.5 V
3.4 V
3.3 V
1110
3.4 V
3.3 V
3.2 V
1101
3.3 V
3.2 V
3.1 V
1100
3.2 V
3.1 V
3.0 V
1011
3.1 V
3.0 V
2.9 V
1010
3.0 V
2.9 V
2.8 V (reset)
1001
2.9 V
2.8 V
2.7 V
1000
2.8 V
2.7 V
2.6 V
0111
2.7 V
2.6 V
2.5 V
0110
2.6 V
2.5 V
2.4 V
0101
2.5 V
2.4 V
2.3 V
0100
2.4 V
2.3 V
2.2 V
0011
2.3 V
2.2 V
2.1 V
0010
2.2 V
2.1 V
2.0 V
00011)
2.1 V
2.0 V
1.9 V
00001)
2.0 V
1.9 V
1.8 V
bit[10]
Mode
1
Pulse frequency modulation (PFM)
0
Pulse width modulation (PWM) (reset)
bit[9]
reserved, must be set to zero
bit[8]
Disable synchronized rectifier
1
disable synchronized recitifier
0
enable synchronized recitifier (reset)
The DC/DC converters are up-converters only. Thus, if the battery voltage is
higher than the selected nominal voltage, the output voltage will exceed the
nominal voltage.
1) refer to Section 4.6.2. on page 59
Table 3–3: Direct Configuration Registers
I2C Sub-
address
(hex)
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com