Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 45 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 45 Page - Micronas

Back Button MAS3587F Datasheet HTML 41Page - Micronas MAS3587F Datasheet HTML 42Page - Micronas MAS3587F Datasheet HTML 43Page - Micronas MAS3587F Datasheet HTML 44Page - Micronas MAS3587F Datasheet HTML 45Page - Micronas MAS3587F Datasheet HTML 46Page - Micronas MAS3587F Datasheet HTML 47Page - Micronas MAS3587F Datasheet HTML 48Page - Micronas MAS3587F Datasheet HTML 49Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 82 page
background image
ADVANCE INFORMATION
MAS 3587F
Micronas
45
00 15
Treble
bit[15:8]
Treble range
60hex
+12 dB
58hex
+11 dB
...
08hex
+1dB
00hex
0dB
F8hex
−1dB
...
A8hex
−11 dB
A0hex
−12 dB
Higher resolution is possible, one LSB step results in a gain step of about
1/8 dB.
With positive treble settings, clipping of the output signal may occur. There-
fore, it is not recommended to set treble to a value that, in conjunction with
loudness and volume, would result in an overall positive gain.
The settings require: max (bass, treble) + loudness + volume
≤ 0dB
bit[7:0]
Not used, must be set to 0
TREBLE
00 1E
Loudness
bit[15:8]
Loudness Gain
44hex
+17 dB
40hex
+16 dB
...
04hex
+1dB
00hex
0dB
bit[7:0]
Loudness Mode
00hex
normal (constant volume at 1 kHz)
04hex
Super Bass (constant volume at 2 kHz)
Higher resolution of Loudness Gain is possible: An LSB step results in a gain
step of about 1/4 dB.
Loudness increases the volume of low- and high-frequency signals, while
keeping the amplitude of the 1-kHz reference frequency constant. The
intended loudness has to be set according to the actual volume setting.
Because loudness introduces gain, it is not recommended to set loudness to a
value that, in conjunction with volume, would result in an overall positive gain.
The settings should be: max (bass, treble) + loudness + volume
≤ 0dB
The corner frequency for bass amplification can be set to two different values.
In Super Bass mode, the corner frequency is shifted up. The point of constant
volume is shifted from 1 kHz to 2 kHz.
LDNESS
Table 3–12: Codec control registers on I2C subaddress 6Chex
Register
Address
(hex)
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com