Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 35 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 35 Page - Micronas

Back Button MAS3587F Datasheet HTML 31Page - Micronas MAS3587F Datasheet HTML 32Page - Micronas MAS3587F Datasheet HTML 33Page - Micronas MAS3587F Datasheet HTML 34Page - Micronas MAS3587F Datasheet HTML 35Page - Micronas MAS3587F Datasheet HTML 36Page - Micronas MAS3587F Datasheet HTML 37Page - Micronas MAS3587F Datasheet HTML 38Page - Micronas MAS3587F Datasheet HTML 39Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 82 page
background image
ADVANCE INFORMATION
MAS 3587F
Micronas
35
D0:7f1
Main I/O Control (reset = 124hex)
All
IOControlMain is used for selecting/deselecting the appropriate data input
interface and for setting up the serial data output interface. In serial input
mode the coded audio data (Layer 2, Layer 3) is expected at the serial input
interface SDIB. In the 8-bit-parallel input mode (default) the PIO pins PI[19:12]
are used.
bit[15]
Reserved, must be set to zero
bit[14]
Invert serial output clock (SOC)
0 (reset)
do not invert SOC
1invert SOC
bit[13:12]
Reserved, must be set to zero
bit[11]
Serial data output delay
0 (reset)
no additional delay (reset)
1
additional delay of data related to word strobe
bit[10]
Reserved, must be set to zero
bit[9:8]
Encoder: Audio Input Select
00
SDI input with PLL
01 (reset)
SDI input without PLL
10
S/PDIF input
11
reserved
Decoder: Data Input Select
00
serial input at interface B
01 (reset)
parallel input at PIO pins PI[19...12]
10
reserved
11
reserved
bit[7]
Encoder: Invert serial input clock (SIC)
0 (reset)
do not invert SIC
1invert SIC
bit[6]
Encoder: Serial data input delay
0 (reset)
no additional delay (reset)
1
additional delay of data related to word strobe
bit[5]
SDO Word Strobe Invert
0do not invert
1 (reset)
invert outgoing word strobe signal
bit[4]
Bits per Sample at SDO
0 (reset)
32 bits/sample
1
16 bits/sample
bit[3]
Encoder: Clock setting
0 (reset)
MPEG 1
1MPEG 2
bit[3]
May only be set for MPEG 2 encoding.
bit[2]
Serial data input interface B clock invert (pin SIBC)
0
not inverted (data latched at rising clock edge)
1 (reset)
incoming clock signal is inverted (data latched at
falling clock edge)
...
IOControlMain
Table 3–7: D0 Control Memory Cells
Memory
Address
(hex)
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com