Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 43 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 43 Page - Micronas

Back Button MAS3587F Datasheet HTML 39Page - Micronas MAS3587F Datasheet HTML 40Page - Micronas MAS3587F Datasheet HTML 41Page - Micronas MAS3587F Datasheet HTML 42Page - Micronas MAS3587F Datasheet HTML 43Page - Micronas MAS3587F Datasheet HTML 44Page - Micronas MAS3587F Datasheet HTML 45Page - Micronas MAS3587F Datasheet HTML 46Page - Micronas MAS3587F Datasheet HTML 47Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 82 page
background image
ADVANCE INFORMATION
MAS 3587F
Micronas
43
3.4.3. Codec Registers
Table 3–12: Codec control registers on I2C subaddress 6Chex
Register
Address
(hex)
Function
Name
CONVERTER CONFIGURATION
00 00
Audio Codec Configuration
0 dB is related to the D/A full-scale output voltage
(Please refer to Section 4.6.4. on page 72)
bit[15:12]
A/D converter left amplifier gain = n*1.5
−3 [dB]
bit[11:8]
A/D converter right amplifier gain = n*1.5
−3 [dB]
1111
+19.5 dB
1110
+18.0 dB
...
...
0011
+1.5 dB
0010
0.0 dB
0001
−1.5 dB
0000
− 3.0 dB
bit[7:4]
Microphone amplifier gain = n*1.5+21 [dB]
1111
+43.5 dB
1110
+42.0 dB
...
...
0001
+22.5 dB
0000
+21.0 dB
bit[3]
Input selection for left A/D converter channel
0
line-in
1
microphone
bit[2]
Enable left A/D converter1)
bit[1]
Enable right A/D converter1)
bit[0]
Enable D/A converter1)
CONV_CONF
1) The generation of the internal DC reference voltage for the D/A converter is
also controlled with this bit. In order to avoid click noise, the reference voltage
at pin AGNDC should have reached a near ground potential before repower-
ing the D/A converter after a short down phase.
Alternatively at least one of the A/D converters (bits [2] or [1]) should remain
set during short power-down phases of the D/A. Then the DC reference volt-
age generation for the D/A converter will not be interrupted.
INPUT MODE SELECT
00 08
Input Mode Setting
bit[15]
Mono switch
0
stereo input mode
1
left channel is copied into the right channel
bit[14:2]
Reserved, must be set to 0
bit[1:0]
Deemphasis select
0
deemphasis off
1
deemphasis 50 µs
2
deemphasis 75 µs
ADC_IN_MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com