Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 76 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 76 Page - Micronas

Back Button MAS3587F Datasheet HTML 72Page - Micronas MAS3587F Datasheet HTML 73Page - Micronas MAS3587F Datasheet HTML 74Page - Micronas MAS3587F Datasheet HTML 75Page - Micronas MAS3587F Datasheet HTML 76Page - Micronas MAS3587F Datasheet HTML 77Page - Micronas MAS3587F Datasheet HTML 78Page - Micronas MAS3587F Datasheet HTML 79Page - Micronas MAS3587F Datasheet HTML 80Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 82 page
background image
MAS 3587F
ADVANCE INFORMATION
76
Micronas
4.6.5. DC/DC Converter Characteristics
at TA = TA2, Vin = 1.2 V (unless otherwise noted), Voutn = 3.0 V, fclk = 18.432 MHz, fsw = 384 kHz,
Typ. values for TA = 25 °C
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VIN
Minimum start-up input
voltage
*0.9
V
ILOAD ≤ 1mA,
DCCF = 5050hex (reset)
VIN
Minimum operating input
voltage
DC1*
DC2*
0.7
0.8
VILOAD = 50 mA,
DCCF = 5050hex (reset)
DC1*
DC2*
1.1
1.2
VILOAD = 200 mA,
DCCF = 5050hex (reset)
VOUT
Programmable output voltage
range
VSENSN
2.0
3.5
V
Voltage settings in DCCF
register (I2C subaddress
76hex)
VOTOL
Output voltage tolerance
VSENSN
2.88
3.12
V
ILOAD =20mA
TA = 25 °C
ILOAD1
Output current
1 battery cell
VSENSN
200
mA
VIN = 0.9...1.5 V, 330 µF
ILOAD2
Output current
2 battery cells
600
mA
VIN = 1.8...3.0 V, 330 µF
dVOUT/
dVIN/VOUT
Line regulation
VSENSN
0.8
%/V
dVOUT/
VOUT
Load regulation
DC1
DC2
VSENS1
VSENS2
−1.7
−1.8
%ILOAD = 20...200 mA,
hmax
Maximum efficiency
−
95
%
VIN = 2.4 V, VOUT =3.5 V
fswitch
Switching frequency
DCSOn
297
384
576
kHz
(see Section 2.9.2. on
page 11)
fstartup
Switching frequency during
start-up
DCSOn
250
kHz
VSENSn < 1.9 V
IsupPFM1
Supply current in PFM mode
VSENS1
75
µA
1)
IsupPFM2
VSENS2
135
IsupPWM1
Supply current in PWM mode
VSENS1
265
µA
VSENSn
1)
2)
IsupPWM2
VSENS2
325
Ilnmax
NMOS switch current limit
(low side switch)
DCSOn,
DCSGn
1A
Ilptoff
PMOS switch turnoff current
(rectifier switch)
DCSOn,
VSENSn
70
mA
ILEAK
leakage current
DCSOn,
DCSGn
0.1
µAT
j = 25 °C, converter off,
ILOAD =0 µA
1) Current into VSENSn. VIN > VOUT+
∆V; (∆V≈0.4 V); no DC/DC-Converter regulation switching action present
2) Add. current of oscillator at PIN AVDD0/1, (see Section 4.6.4. on page 72)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com