Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 133 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 133 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 129Page - STMicroelectronics BLUENRG-2 Datasheet HTML 130Page - STMicroelectronics BLUENRG-2 Datasheet HTML 131Page - STMicroelectronics BLUENRG-2 Datasheet HTML 132Page - STMicroelectronics BLUENRG-2 Datasheet HTML 133Page - STMicroelectronics BLUENRG-2 Datasheet HTML 134Page - STMicroelectronics BLUENRG-2 Datasheet HTML 135Page - STMicroelectronics BLUENRG-2 Datasheet HTML 136Page - STMicroelectronics BLUENRG-2 Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
133/190
Bit
Field name
Reset
RW
Description
31:16
RESERVED
0x0
R
RESERVED
Table 163: MFTX
– TNCNT2 register description: address offset MFTX_BASE_ADDR+0x0C
Bit
Field name
Reset
RW
Description
31:0
TNCNT2
0x0000
RW
Register counter of timer2.
31:16
RESERVED
0x0
R
RESERVED
Table 164: MFTX
– TNPRSC register description: address offset MFTX_BASE_ADDR+0x10
Bit
Field name
Reset
RW
Description
7:0
TNPRSC
0x00
RW
Clock prescaler register.
31:8
RESERVED
0x0
R
RESERVED
Table 165: MFTX - TNCKC register description: address offset MFTX_BASE_ADDR+0x14
Bit
Field name
Reset
RW
Description
2:0
TNC1CSEL
0x0
RW
Define the clock mode for timer/counter 1:
000b: No clock (timer/counter 1 stopped).
001b: Prescaled system clock.
010b: External event on TnB (mode 1 and 3 only).
011b: Pulse accumulate (mode 1 and 3 only).
100b: Low-speed clock.
5:3
TNC2CSEL
0x0
RW
Define the clock mode for timer/counter 2:
000b: No clock (timer/counter 2 stopped).
001b: Prescaled system clock.
010b: External event on TnB (mode 1 and 3 only).
011b: Pulse accumulate (mode 1 and 3 only).
100b: Low-speed clock.
31:6
RESERVED
0x0
R
RESERVED
Table 166: MFTX - TNMCTRL register description: address offset MFTX_BASE_ADDR+0x18
Bit
Field name
Reset
RW
Description
1:0
TNMDSEL
0x0
RW
MFTX mode select:
00b: Mode 1 or 1a: PWM mode and system timer
or pulse train
01b: Mode 2: Dual-input capture and system timer
10b: Mode 3: Dual independent timer/counter
11b: Mode 4: Single timer and single input capture
2
TNAEDG
0x0
RW
TnA edge polarity:
0: Input is sensitive to falling edges.
1: Input is sensitive to rising edges.
3
TNBEDG
0x0
RW
TnB edge polarity:
0: Input is sensitive to falling edges.
1: Input is sensitive to rising edges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com