Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 134 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 134 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 130Page - STMicroelectronics BLUENRG-2 Datasheet HTML 131Page - STMicroelectronics BLUENRG-2 Datasheet HTML 132Page - STMicroelectronics BLUENRG-2 Datasheet HTML 133Page - STMicroelectronics BLUENRG-2 Datasheet HTML 134Page - STMicroelectronics BLUENRG-2 Datasheet HTML 135Page - STMicroelectronics BLUENRG-2 Datasheet HTML 136Page - STMicroelectronics BLUENRG-2 Datasheet HTML 137Page - STMicroelectronics BLUENRG-2 Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 190 page
background image
Functional details
BlueNRG-2
134/190
DocID030675 Rev 2
Bit
Field name
Reset
RW
Description
4
TNAEN
0x0
RW
TnA enable:
0: TnA in disable.
1: TnA in enable.
5
TNBEN
0x0
RW
TnB enable:
0: TnB in disable.
1: TnB in enable.
6
TNAOUT
0x0
RW
TnA output data:
0: Pin is low.
1: Pin is high.
7
TNEN
0x0
RW
MFTX enable:0: MFTX disable.1: MFTX enable.
8
TNPTEN
0x0
RW
Tn pulse-train mode enable:
0: Mode 1a not selected.
1: Mode 1a selected (if TnMDSEL = 00).
9
TNPTSE
0x0
RW
Tn pulse-train sofware trigger enable:0: No effect.1: Pulse-
train generation trigger (in mode 1a)
10
TNPTET
0x0
RW
Tn pulse-train event trigger:
0: No pulse-train event trigger occurred.
1: Pulse-train event trigger occurred (in mode 1a).
31:11
RESERVED
0x0
R
RESERVED
Table 167: MFTX - TNICTRL register description: address offset MFTX_BASE_ADDR+0x1C
Bit
Field name
Reset
RW
Description
0
TNAPND
0x0
R
Timer interrupt A pending:·
0: No interrupt source pending.
1: Interrupt source pending.
1
TNBPND
0x0
R
Timer interrupt B pending:
0: No interrupt source pending.
1: Interrupt source pending.
2
TNCPND
0x0
R
Timer interrupt C pending:
0: No interrupt source pending.
1: Interrupt source pending.
3
TNDPND
0x0
R
Timer interrupt D pending:
0: No interrupt source pending.
1: Interrupt source pending.
4
TNAIEN
0x0
RW
Timer interrupt A enable:
0: Interrupt disabled.
1: Interrupt enabled.
5
TNBIEN
0x0
RW
Timer interrupt B enable:
0: Interrupt disabled.
1: Interrupt enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com