Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 138 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 138 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 134Page - STMicroelectronics BLUENRG-2 Datasheet HTML 135Page - STMicroelectronics BLUENRG-2 Datasheet HTML 136Page - STMicroelectronics BLUENRG-2 Datasheet HTML 137Page - STMicroelectronics BLUENRG-2 Datasheet HTML 138Page - STMicroelectronics BLUENRG-2 Datasheet HTML 139Page - STMicroelectronics BLUENRG-2 Datasheet HTML 140Page - STMicroelectronics BLUENRG-2 Datasheet HTML 141Page - STMicroelectronics BLUENRG-2 Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 190 page
background image
Functional details
BlueNRG-2
138/190
DocID030675 Rev 2
Table 176: WDG - MIS register description: address offset WDG_BASE_ADDR+0x14
Bit
Field name
Reset
RW
Description
0
MIS
0x0
R
Watchdog masked interrupt status bit. Masked value of
watchdog interrupt status:
0: watchdog interrupt is not active.
1: watchdog interrupt is active.
Read-only bit. A write has no effect.
31:1
RESERVED
0x0
R
RESERVED
Table 177: WDG - LOCK register description: address offset WDG_BASE_ADDR+0xC00
Bit
Field
name
Reset
RW
Description
31:0
LOCKVAL
0x0
RW
Watchdog lock value. When read, returns the lock status:
0: Write access to all watchdog other registers is enabled.
1: Write access to all watchdog other registers is disabled.
When written, allows enabling or disabling write access to all
other watchdog registers:
Writing 0x1ACCE551: Write access to all other registers is
enabled.
Writing any other value: Write access to all other registers is
disabled.
3.15
RTC
3.15.1
Introduction
The RTC timer can be used to provide an interrupt at regular time intervals. It generates an
interrupt signal when it reaches zero after decrementing for a programmed number of
cycles of the real-time clock input. The RTC timer can restart automatically from a load
value when reaching zero if the auto restart mode is enabled, or it can stop when it reaches
zero.
The RTC is clocked by the 32 kHz clock and is switched off in low-power modes which
prevents this timer to be used for wakeup events.
3.15.2
Functional description
The RTC peripheral can be used either as real-time clock timer or as real-time clock watch.
3.15.2.1
Real-time clock timer
The real-time clock timer (RTC timer) can be used to provide an interrupt at regular time
intervals.
The RTC timer can restart automatically from a load value when reaching zero if the auto
restart mode is enabled, or it can stop when it reaches zero.
The RTC timer has the following features:
32-bit down-counter.
Interrupt generation when timer reaches zero.
Start, auto restart (after counts to zero) and stop capability.
On-the-fly register read and write access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com