Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 141 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 141 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 137Page - STMicroelectronics BLUENRG-2 Datasheet HTML 138Page - STMicroelectronics BLUENRG-2 Datasheet HTML 139Page - STMicroelectronics BLUENRG-2 Datasheet HTML 140Page - STMicroelectronics BLUENRG-2 Datasheet HTML 141Page - STMicroelectronics BLUENRG-2 Datasheet HTML 142Page - STMicroelectronics BLUENRG-2 Datasheet HTML 143Page - STMicroelectronics BLUENRG-2 Datasheet HTML 144Page - STMicroelectronics BLUENRG-2 Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
141/190
3.15.3
RTC registers
RTC peripheral base address (RTC_BASE_ADDR) 0x40F00000.
Table 179: RTC registers
Address
offset
Name
RW
Reset
Description
0x00
CWDR
R
0x02120000
Clockwatch Data Register. Refer to the detailed
description below.
0x04
CWDMR
RW
0x00000000
Clockwatch Data Match Register. Refer to the
detailed description below.
0x08
CWDLR
RW
0x00000000
Clockwatch Data Load Register. Refer to the
detailed description below.
0x0C
CWYR
R
0x00002000
Clockwatch Year Register. Refer to the detailed
description below.
0x10
CWYMR
RW
0x00002000
Clockwatch Year Match Register. Refer to the
detailed description below.
0x14
CWYLR
RW
0x00000000
Clockwatch Year Load Register. Refer to the
detailed description below.
0x18
CTCR
RW
0x00007FFF
Control Trim and Counter Register. Refer to the
detailed description below.
0x1C
IMSC
RW
0x00000000
RTC interrupt mask register. Refer to the detailed
description below.
0x20
RIS
R
0x00000000
RTC raw interrupt status register. Refer to the
detailed description below.
0x24
MIS
R
0x00000000
RTC masked interrupt status register. Refer to the
detailed description below.
0x28
ICR
W
0x00000000
RTC interrupt clear register. Refer to the detailed
description below.
0x2C
TDR
R
0xFFFFFFFF
RTC timer load value
0x30
TCR
RW
0x00000000
RTC timer control register. Refer to the detailed
description below.
0x34
TLR1
RW
0x00000000
RTC Timer first Load Register
0x38
TLR2
RW
0x00000000
RTC Timer second Load Register
0x3C
TPR1
RW
0x00000000
RTC Timer Pattern Register (pattern[31:0])
0x40
TPR2
RW
0x00000000
RTC Timer Pattern Register (pattern[63:32])
0x44
TPR3
RW
0x00000000
RTC Timer Pattern Register (pattern[95:64])
0x48
TPR4
RW
0x00000000
RTC Timer Pattern Register (pattern[127:96])
0x4C
TIN
R
0x00000000
RTC Timer Interrupt Number Register
Table 180: RTC - CWDR register description: address offset RTC_BASE_ADDR+0x00
Bit
Field name
Reset
RW
Description
5:0
CWSEC
0x0
R
RTC clockwatch second value. Clockwatch seconds: 0 to 59
(max 0x3B).
11:6
CWMIN
0x0
R
RTC clockwatch minute value. Clockwatch seconds: 0 to 59
(max 0x3B).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com