Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 144 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 144 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 140Page - STMicroelectronics BLUENRG-2 Datasheet HTML 141Page - STMicroelectronics BLUENRG-2 Datasheet HTML 142Page - STMicroelectronics BLUENRG-2 Datasheet HTML 143Page - STMicroelectronics BLUENRG-2 Datasheet HTML 144Page - STMicroelectronics BLUENRG-2 Datasheet HTML 145Page - STMicroelectronics BLUENRG-2 Datasheet HTML 146Page - STMicroelectronics BLUENRG-2 Datasheet HTML 147Page - STMicroelectronics BLUENRG-2 Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 190 page
background image
Functional details
BlueNRG-2
144/190
DocID030675 Rev 2
Table 183: RTC - CWYR register description: address offset RTC_BASE_ADDR+0x0C
Bit
Field name
Reset
RW
Description
13:0
CWYEAR
0x2000
R
RTC clockwatch year value. Clockwatch year, in BCD format
is from 0 to 3999.
31:14
RESERVED
0x0
R
RESERVED
Table 184: RTC - CWYMR register description: address offset RTC_BASE_ADDR+0x10
Bit
Field name
Reset
RW
Description
13:0
CWYEARM
0x2000
RW
RTC clockwatch year match value. Clockwatch year match
value is in BCD format from 0 to 3999.
31:14
RESERVED
0x0
R
RESERVED
Table 185: RTC - CWYLR register description: address offset RTC_BASE_ADDR+0x14
Bit
Field name
Reset
RW
Description
13:0
CWYEARL
0x0
RW
RTC clockwatch year load value. Clockwatch year load value
is in BCD format from 0 to 3999.
31:14
RESERVED
0x0
R
RESERVED
Table 186: RTC - CTCR register description: address offset RTC_BASE_ADDR+0x18
Bit
Field name
Reset
RW
Description
14:0
CKDIV
0x7FFF
RW
Clock divider factor. This value plus one represents the
integer part of the CLK32K clock divider used to produce the
reference 1 Hz clock.
0x000: CLK1HZ clock is similar to CLK32K for RTC timer
and stopped for RTC clockwatch.
0x0001: 2 CLK32K clock cycles per CLK1HZ clock cycle.
...
0x7FFF: 32768 CLK32K clock cycles per CLK1HZ clock
cycle (default value after PORn Reset).
...
0xFFFF: CLK32K clock cycles per CLK1HZ clock cycle.
Writing to this bit-field will be disregarded if CWEN = 1. A
read returns the value of the CKDIV bit-field.
15
RESERVED
0x0
R
RESERVED
25:16
CKDEL
0x0
RW
Trim delete count. This value represents the number of
CLK32K clock pulses to delete every 1023 CLK32K clock
cycles to get a better reference 1 Hz clock for incrementing
the RTC counter.
0x000: No CLK32K clock cycle is deleted every 1023
CLK1HZ clock cycles (default value after PORn Reset).
0x001: 1 CLK32K clock cycle is deleted every 1023 CLK1HZ
clock cycles.
...
0x3FF: 1023 CLK32K clock cycles are deleted every 1023
CLK1HZ clock cycles.
Writing to this bit-field will be disregarded if CWEN = 1. A
read returns the value of the CKDEL bit-field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com