Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 140 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 140 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 136Page - STMicroelectronics BLUENRG-2 Datasheet HTML 137Page - STMicroelectronics BLUENRG-2 Datasheet HTML 138Page - STMicroelectronics BLUENRG-2 Datasheet HTML 139Page - STMicroelectronics BLUENRG-2 Datasheet HTML 140Page - STMicroelectronics BLUENRG-2 Datasheet HTML 141Page - STMicroelectronics BLUENRG-2 Datasheet HTML 142Page - STMicroelectronics BLUENRG-2 Datasheet HTML 143Page - STMicroelectronics BLUENRG-2 Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 190 page
background image
Functional details
BlueNRG-2
140/190
DocID030675 Rev 2
Minutes on six bits. Valid values are 0 to 59 (60, 61, 62 and 63 are invalid values,
programming the RTC_CWDR with these values leads to unpredictable behavior.)
Hours on five bits. Valid values are 0 to 23 (24 to 31 are invalid values, programming
the RTC_CWDR with these values leads to unpredictable behavior.)
The day of the week on three bits. Valid values are 1 (Sunday) to 7 (Saturday) (0 is an
invalid value, programming the RTC_CWDR with this value leads to unpredictable
behavior.)
The day of the month on five bits. Valid values are 1 to 31 for January, March, May,
July, August, October and December, 1 to 30 for April, June, September, and
November, 1 to 29 for February on leap years, or 1 to 28 for February on non-leap
years. All other values are invalid values. Programming the RTC_CWDR with these
values leads to unpredictable behavior.)
The month on four bits. Valid values are 1 (January) to 12 (December). 0, 13, 14 and
15 are invalid values, programming the RTC_CWDR with these values leads to
unpredictable behavior.
The RTC_CWYR register holds:
The year, from 0 to 4096
The clock watch time and date can be changed by writing new settings in the
RTC_CWDLR and RTC_CWYLR load registers. The new setting is transferred to the clock
watch counters on the next CLK1HZ rising edge after the RTC_CWDLR register has been
written.
After each increment of the clock watch counters, the RTC_CWDR and RTC_CWYR
registers are compared to the clock watch match registers, RTC_CWDMR and
RTC_CWYMR.
If both pairs of registers match, the internal interrupt signal RTCWINTR is raised.
To ignore the corresponding bit-field of the RTC_CWDR register during the comparison,
program the month (CWMONTHM), day of the month (CWDAYMM) or day of the week
(CWDAYWM) bit-fields of the RTC_CWDMR register with zero values.
To ignore the RTC_CWYR register during the comparison, program the year bit-fields of
RTC_CWYMR register with zero values.
3.15.2.3
RTC interrupts
The RTC generates two internal interrupt signals:
RTCINTR: raised when the two clock watch counter registers (RTC_CWDR and
RTC_CWYR) match the two clock watch alarm registers (RTC_CWDMR and
RTC_CWYMR). Some bit-
fields can be ‘don’t care’ during the comparison if a zero
value is used for year, month, day of month and day of week. The software must clear
this interrupt by writing 1 in the bit RTCCWIC of RTC_ICR register.
RTTINTR: raised when the full 32-bit down-counter RTC_TDR reaches zero and is
only cleared by writing 1 in the bit RTTIC of the RTC_ICR register. The most
significant carry bit of the counter detects the counter reaches zero. The software
must clear this interrupt by writing 1 in the bit RTCTIC of the RTC_ICR register.
Each individual interrupt can be masked by writing 0b to its corresponding interrupt mask
set/clear bit in the RTC_IMSC register. Both the raw interrupt status (prior to masking) and
the final interrupt status (after masking) for each individual interrupt signal can be read from
the RTC_RIS and RTC_MIS status registers.
The RTC delivers also a single combined interrupt signal, RTUINTR. This interrupt line is
the logical OR of the both internal interrupt signals described above and is the signal
connected to the processor interrupt line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com