Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 136 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 132Page - STMicroelectronics BLUENRG-2 Datasheet HTML 133Page - STMicroelectronics BLUENRG-2 Datasheet HTML 134Page - STMicroelectronics BLUENRG-2 Datasheet HTML 135Page - STMicroelectronics BLUENRG-2 Datasheet HTML 136Page - STMicroelectronics BLUENRG-2 Datasheet HTML 137Page - STMicroelectronics BLUENRG-2 Datasheet HTML 138Page - STMicroelectronics BLUENRG-2 Datasheet HTML 139Page - STMicroelectronics BLUENRG-2 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 190 page
background image
Functional details
BlueNRG-2
136/190
DocID030675 Rev 2
WDT_LOAD
Interrupt interval (ms)
32767
1000
4095
125
127
3.90625
63
1.953125
1
0.0610
A watchdog interrupt is generated each time the counter reaches zero. The counter is then
reloaded with the content of the WDT_LR register. The interrupt status should be cleared
by writing to the interrupt clear register. When the interrupt is cleared, the counter is
reloaded with the WDT_LOAD value. If the interrupt status is not cleared and a new
interrupt is generated, then a watchdog Reset is generated, rebooting the system.
The watchdog interrupt and Reset generation can be enabled or disabled as required by
the system using the relevant bits in the control register. When the interrupt generation is
disabled the watchdog counter is also stopped, and when the interrupt is enabled the
counter will start from the programmed value, not the last-count value.
Write access to the registers within the watchdog timer can be disabled in the watchdog
lock register. Writing a value of 0x1ACC_E551 to this WDT_LOCK register allows write
access to all other registers; writing any other value disables write access. This feature is
included to allow some protection against software that might otherwise disable the
watchdog functionality.
3.14.3
Watchdog registers
WDG peripheral base address (WDG_BASE_ADDR) 0x40700000.
Table 170: WDG registers
Address
offset
Name
RW
Reset
Description
0x00
LR
RW
0xFFFFFFFF
Watchdog load register. Refer to the detailed
description below.
0x04
VAL
R
0xFFFFFFFF
Watchdog value register. Refer to the detailed
description below.
0x08
CR
RW
0x00000000
Watchdog control register. Refer to the detailed
description below.
0x0C
ICR
RW
0x00000000
Watchdog interrupt clear register. Refer to the
detailed description below.
0x10
RIS
R
0x00000000
Watchdog raw interrupt status register. Refer to the
detailed description below.
0x14
MIS
R
0x00000000
Watchdog masked interrupt status register. Refer to
the detailed description below.
0xC00
LOCK
RW
0x00000000
Watchdog Lock register. Refer to the detailed
description below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com