Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 142 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 142 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 138Page - STMicroelectronics BLUENRG-2 Datasheet HTML 139Page - STMicroelectronics BLUENRG-2 Datasheet HTML 140Page - STMicroelectronics BLUENRG-2 Datasheet HTML 141Page - STMicroelectronics BLUENRG-2 Datasheet HTML 142Page - STMicroelectronics BLUENRG-2 Datasheet HTML 143Page - STMicroelectronics BLUENRG-2 Datasheet HTML 144Page - STMicroelectronics BLUENRG-2 Datasheet HTML 145Page - STMicroelectronics BLUENRG-2 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 190 page
background image
Functional details
BlueNRG-2
142/190
DocID030675 Rev 2
Bit
Field name
Reset
RW
Description
16:12
CWHOUR
0x0
R
RTC clockwatch hour value. Clockwatch seconds: 0 to 23
(max 0x17).
19:17
CWDAYW
0x1
R
RTC clockwatch day of week value. Clockwatch day of week:
001b: Sunday.
010b: Monday.
011b: Tuesday.
100b: Wednesday.
101b: Thursday.
110b: Friday.
111b: Saturday.
24:20
CWDAYM
0x1
R
RTC clockwatch day of month value: 1 to 28/29/30 or 31.
Range of value to program depends on the month:
1 to 28: February month, non-leap year.
1 to 29: February month, leap year.
1 to 30: April, June, September, November month.
1 to 31: January, March, May, August, October, December
month.
28:25
CWMONTH
0x1
R
RTC clockwatch month value:
0001b: January.
...
1100: December.
31:29
RESERVED
0x0
R
RESERVED
Table 181: RTC - CWDMR register description: address offset RTC_BASE_ADDR+0x04
Bit
Field name
Reset
RW
Description
5:0
CWSECM
0x0
RW
RTC clockwatch second match value:
00 0000 to 11 1011: (0 to 59 or 0x00 to 0x3B) clockwatch
seconds.
11 1100 to 11 1111 - (60 to 63 or 0x3C to 0x3F).
Non-valid data, match never occurs.
11:6
CWMINM
0x0
RW
RTC clockwatch minute match value:
00 0000 to 11 1011: (0 to 59 or 0x00 to 0x3B) clockwatch
minutes.
11 1100 to 11 1111 - (60 to 63 or 0x3C to 0x3F).
Non-valid data, match never occurs.
16:12
CWHOURM
0x0
RW
RTC clockwatch hour match value:
00000b to 10111b: (0 to 23 or 0x00 to 0x17) hour match
value.
11000b to 11111b - (24 to 31 or 0x18 to 0x1F).
Non-valid data, match never occurs.
19:17
CWDAYWM
0x0
RW
RTC clockwatch day of week match value:
000b: day of week is don't care in the comparison. (Default
value after PORn).
001b to 111b: (1 to 7) day of week match value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com