Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 145 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 145 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 141Page - STMicroelectronics BLUENRG-2 Datasheet HTML 142Page - STMicroelectronics BLUENRG-2 Datasheet HTML 143Page - STMicroelectronics BLUENRG-2 Datasheet HTML 144Page - STMicroelectronics BLUENRG-2 Datasheet HTML 145Page - STMicroelectronics BLUENRG-2 Datasheet HTML 146Page - STMicroelectronics BLUENRG-2 Datasheet HTML 147Page - STMicroelectronics BLUENRG-2 Datasheet HTML 148Page - STMicroelectronics BLUENRG-2 Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
145/190
Bit
Field name
Reset
RW
Description
26
CWEN
0x0
RW
Clockwatch enable bit. When set to 1, the clockwatch is
enabled. Once it is enabled, any write to this register has no
effect until a power-on Reset. A read returns the value of the
CWEN bit value.
31:27
RESERVED
0x0
R
RESERVED
Table 187: RTC - IMSC register description: address offset RTC_BASE_ADDR+0x1C
Bit
Field name
Reset
RW
Description
0
WIMSC
0x0
RW
RTC clock watch interrupt enable bit:
When set to 0, clears the interrupt mask (default after PORn
Reset). The interrupt is disabled.
When set to 1, the interrupt for RTC clockwatch interrupt is
enabled.
1
TIMSC
0x0
RW
RTC timer interrupt enable bit:
When set to 0, sets the mask for RTC timer interrupt (default
after PORn reset). The interrupt is disabled.
When set to 1, clears this mask and enables the interrupt.
31:2
RESERVED
0x0
R
RESERVED
Table 188: RTC - RIS register description: address offset RTC_BASE_ADDR+0x20
Bit
Field name
Reset
RW
Description
0
WRIS
0x0
R
RTC clock watch raw interrupt status bit. Gives the raw interrupt
state (prior to masking) of the RTC clock watch interrupt.
1
TRIS
0x0
R
RTC timer raw interrupt status bit. Gives the raw interrupt state
(prior to masking) of the RTC timer interrupt.
31:2
RESERVED
0x0
R
RESERVED
Table 189: RTC - MIS register description: address offset RTC_BASE_ADDR+0x24.
Bit
Field name
Reset
RW
Description
0
WMIS
0x0
R
RTC clock watch interrupt status bit. Gives the masked interrupt
status (after masking) of the RTC clock watch interrupt WINTR.
1
TMIS
0x0
R
RTC timer interrupt status bit. Gives the masked interrupt status
(after masking) of the RTC timer interrupt TINTR.
31:2
RESERVED
0x0
R
RESERVED
Table 190: RTC - ICR register description: address offset RTC_BASE_ADDR+0x28
Bit
Field name
Reset
RW
Description
0
WIC
0x0
W
RTC clock watch interrupt clear register bit. Clears the RTC
clock watch interrupt WINTR.
0: No effect.
1: Clears the interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com