Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 149 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 149 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 145Page - STMicroelectronics BLUENRG-2 Datasheet HTML 146Page - STMicroelectronics BLUENRG-2 Datasheet HTML 147Page - STMicroelectronics BLUENRG-2 Datasheet HTML 148Page - STMicroelectronics BLUENRG-2 Datasheet HTML 149Page - STMicroelectronics BLUENRG-2 Datasheet HTML 150Page - STMicroelectronics BLUENRG-2 Datasheet HTML 151Page - STMicroelectronics BLUENRG-2 Datasheet HTML 152Page - STMicroelectronics BLUENRG-2 Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
149/190
3.17
PDM stream processor
The BlueNRG-2 integrates a digital filter for processing PDM stream coming from a digital
microphone and inputting into a GPIO pin. The BlueNRG-2 outputs a 0.8MHz or 1.6MHz
signal into a GPIO pin for providing the digital microphone with a frequency clock.
3.18
System timer (SysTick)
The BlueNRG-2 includes a system timer (SysTick) that can be polled by software or can be
configured to generate an interrupt. SysTick interrupt has its own entry in the vector table
and therefore can have its own handler.
3.19
Public key accelerator (PKA)
The Public Key Accelerator is for the computation of cryptographic public key primitives
through elliptic curve cryptography (ECC) using a predefined prime modulus and a
predefined curve.
3.19.1
PKA functional description
The PKA core is clocked by the system clock divided by two and the PKA memory is
clocked by system clock. This peripheral is addressed through the AHB, so the access
must be at 32-bit or a hard fault is generated on the Cortex M0.
The PKA works on a 1 KB dedicated RAM block located in 0xC0000400.
The main features of the PKA block are:
elliptic curve Diffie-Hellman (ECDH) public-private key pair calculation accelerator
based on the Montgomery method for fast modular multiplications
built-in Montgomery domain inward and outward transformations
AMBA AHB lite slave interface with a reduced command set
single port internal memory available for the system when the BlueNRG-2 PKA is not
using it.
The PKA and the PKA RAM are clock gated by default after reset,. so the clock must be
enabled in CKGEN_SOC before using PKA functionality.
The input data, output data and data verification result have specific locations in the PKA
RAM.
Table 204: PKA RAM data location
Parameter description
PKA RAM offset address
Size (words)
INPUT: ECC K value of kP
0x6C
EOS(1)
INPUT: input point P, coordinate X
0x90
EOS
INPUT: input point P, coordinate Y
0xB4
EOS
OUTPUT: output point P, coordinate X
0x90
EOS
OUTPUT: output point P, coordinate Y
0xB4
EOS
OUTPUT: error value
0x00
1
Notes:
(1)ECC Operand Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com