Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 150 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 150 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 146Page - STMicroelectronics BLUENRG-2 Datasheet HTML 147Page - STMicroelectronics BLUENRG-2 Datasheet HTML 148Page - STMicroelectronics BLUENRG-2 Datasheet HTML 149Page - STMicroelectronics BLUENRG-2 Datasheet HTML 150Page - STMicroelectronics BLUENRG-2 Datasheet HTML 151Page - STMicroelectronics BLUENRG-2 Datasheet HTML 152Page - STMicroelectronics BLUENRG-2 Datasheet HTML 153Page - STMicroelectronics BLUENRG-2 Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 190 page
background image
Functional details
BlueNRG-2
150/190
DocID030675 Rev 2
An error value of 1 indicates that input point P does not satisfy the curve equation; in this
case, the computation is very short. If the calculation returns an error value of 0, the result
is valid.
The maximum length of data is calculated by:
Max. EOS = ( max_ecc_size / word_size) + 1
If ECC P256 is used, the PKA core needs an operand of 9 (256/32 + 1) words. When
loading a 256-bit (8 word) input, an additional word is requested and must be filled with
zero.
The starting point P for the computation is:
PX = (0x6B17D1F2, 0xE12C4247, 0xF8BCE6E5, 0x63A440F2, 0x77037D81,
0x2DEB33A0, 0xF4A13945, 0xD898C296)
PY = (0x4FE342E2, 0xFE1A7F9B, 0x8EE7EB4A, 0x7C0F9E16, 0x2BCE3357,
0x6B315ECE, 0xCBB64068, 0x37BF51F5)
3.19.2
PKA registers
PKA peripheral base address (PKA_BASE_ADDR) 0xC0000000
Table 205: PKA registers
Address offset
Name
RW
Reset
Description
0x00
CSR
RW
0x00000002
Command and status register
0x04
ISR
RW
0x00000000
Interrupt status register
0x08
IEN
RW
0x00000000
Interrupt enable register
Table 206: PKA
– CSR register description: address offset PKA_BASE_ADDR+0x00
Bit
Field name
Reset
RW
Description
0
GO
0
W
PKA start processing command:
0: has no effect.
1: starts the processing.
After this bitfield is set to 1, it must be written back to 0
manually.
1
READY
1
R
PKA readiness status:
0: the PKA is computing. It is not ready.
1: the PKA is ready to start a new process.
The rising edge of the READY bit set the PROC_END flag in
the ISR register.
6:2
RESERVED
0x00
R
RESERVED
7
SFT_RST
0
W
PKA software reset:
0: has no effect.
1: reset the PKA peripheral.
After this bitfield is set to 1, it must be written back to 0
manually.
31:8
RESERVED
0x00
R
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com