Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 152 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 152 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 148Page - STMicroelectronics BLUENRG-2 Datasheet HTML 149Page - STMicroelectronics BLUENRG-2 Datasheet HTML 150Page - STMicroelectronics BLUENRG-2 Datasheet HTML 151Page - STMicroelectronics BLUENRG-2 Datasheet HTML 152Page - STMicroelectronics BLUENRG-2 Datasheet HTML 153Page - STMicroelectronics BLUENRG-2 Datasheet HTML 154Page - STMicroelectronics BLUENRG-2 Datasheet HTML 155Page - STMicroelectronics BLUENRG-2 Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 190 page
background image
Functional details
BlueNRG-2
152/190
DocID030675 Rev 2
Bit
Field name
Reset
RW
Description
3
ADDERR_EN
0
RW
AHB address error interrupt enable.
0: interrupt disabled.
1: interrupt enabled.
31:4
RESERVED
0
R
RESERVED
3.20
TX/RX event alert
The BlueNRG-2 is provided with the ANATEST1 (pin 14 for QFN32 package, pin 24 for
QFN32 package and pin D4 for WCSP34 package) signal which alerts forthcoming
transmission or reception event. ANATEST1 switches to high level about 100 µs before
BlueNRG-2 starts to transmit or receive and switches to low level at the end of the event.
The signal can be used for controlling external antenna switching and supporting
coexistence with other wireless technologies.
3.21
SWD debug feature
The BlueNRG-2 embeds the ARM serial wire debug (SWD) port. It is two pins (clock and
single bi-directional data) debug interface, providing all the debug functionality plus real-
time access to system memory without halting the processor or requiring any target
resident code.
Table 209: SWD port
Pin functionality
Pin name
Pin description
SWCLK
IO9
SWD clock signal
SWDIO
IO10
SWD data signal
The Cortex-M0 subsystem of the BlueNRG-2 embeds four breakpoints and two
watchpoints.
3.21.1
Debugging tips
There are certain situations where debug access is disabled and the chip cannot be
accessed, including:
application that disables debug pins
application that set the device in sleep or standby state, in which the debug port is not
powered.
These cases are common during application development and device can end up in a state
where debug access is no longer possible. To recover this situation, it is recommended to
force IO7 pin high and hardware reset the device in order to force execution of the updater
code (see Section 3.23: "Pre-programmed bootloader"). The user can then connect with
SWD interface and erase the device Flash memory.
3.22
Bluetooth low energy radio
The BlueNRG-2 integrates a RF transceiver compliant to the Bluetooth specification and to
the standard national regulations in the unlicensed 2.4 GHz ISM band.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com