Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 151 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 151 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 147Page - STMicroelectronics BLUENRG-2 Datasheet HTML 148Page - STMicroelectronics BLUENRG-2 Datasheet HTML 149Page - STMicroelectronics BLUENRG-2 Datasheet HTML 150Page - STMicroelectronics BLUENRG-2 Datasheet HTML 151Page - STMicroelectronics BLUENRG-2 Datasheet HTML 152Page - STMicroelectronics BLUENRG-2 Datasheet HTML 153Page - STMicroelectronics BLUENRG-2 Datasheet HTML 154Page - STMicroelectronics BLUENRG-2 Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
151/190
Table 207: PKA
– ISR register description: address offset PKA_BASE_ADDR+0x04
Bit
Field name
Reset
RW
Description
0
PROC_END
0
RW
PKA process ending interrupt. When read:
0: no event.
1: PKA process is ended.
When written:
0: no effect.
1: clears the PKA process ending interrupt.
1
RESERVED
0
R
RESERVED
2
RAM_ERR
0
RW
RAM read/write access error interrupt. When read:
0: all AHB read or write access to the PKA
RAM occurred while the PKA was stopped.
1: All the AHB read or write accesses to the
PKA RAM occurred while the PKA was
operating and using the internal RAM. These
reads or writes could not succeed as the PKA
internal RAM is disconnected from the AHB
bus when the PKA is operating (READ bit
low).
When written:
0: no effect.
1: clears the RAM access error interrupt.
3
ADD_ERR
0
RW
AHB address error interrupt. When read:
0: All AHB read or write access to the PKA
RAM occurred in a mapped address range.
1: All the AHB read or write access to the PKA
RAM occurred in an unmapped address
range.
When written:
0: no effect.
1: clears the AHB address error interrupt.
31:4
RESERVED
0x00000000
R
RESERVED
Table 208: PKA
– IEN register description: address offset PKA_BASE_ADDR+0x08
Bit
Field name
Reset
RW
Description
0
PROCEND_EN
0
RW
Process ended interrupt enable.
0: interrupt disabled.
1: interrupt enabled.
1
RESERVED
0
R
RESERVED
2
RAMERR_EN
0
RW
RAM access error interrupt enable.
0: interrupt disabled.
1: interrupt enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com