Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 147 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 147 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 143Page - STMicroelectronics BLUENRG-2 Datasheet HTML 144Page - STMicroelectronics BLUENRG-2 Datasheet HTML 145Page - STMicroelectronics BLUENRG-2 Datasheet HTML 146Page - STMicroelectronics BLUENRG-2 Datasheet HTML 147Page - STMicroelectronics BLUENRG-2 Datasheet HTML 148Page - STMicroelectronics BLUENRG-2 Datasheet HTML 149Page - STMicroelectronics BLUENRG-2 Datasheet HTML 150Page - STMicroelectronics BLUENRG-2 Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
147/190
Table 194: RTC
– TLR2 register description: address offset RTC_BASE_ADDR+0x38
Bit
Field name
Reset
RW
Description
31:0
TLR2
0x00000000
RW
RTC timer second load value.
Table 195: RTC
– TPR1 register description: address offset RTC_BASE_ADDR+0x3C
Bit
Field name
Reset
RW
Description
31:0
TPR1
0x00000000
RW
RTC timer pattern register (pattern[31:0]).
Table 196: RTC
– TPR2 register description: address offset RTC_BASE_ADDR+0x40
Bit
Field name
Reset
RW
Description
31:0
TPR2
0x00000000
RW
RTC timer pattern register (pattern[63:32]).
Table 197: RTC
– TPR3 register description: address offset RTC_BASE_ADDR+0x44
Bit
Field name
Reset
RW
Description
31:0
TPR3
0x00000000
RW
RTC timer pattern register (pattern[95:64]).
Table 198: RTC
– TPR4 register description: address offset RTC_BASE_ADDR+0x48
Bit
Field name
Reset
RW
Description
31:0
TPR4
0x00000000
RW
RTC timer pattern register (pattern[127:96]).
Table 199: RTC
– TIN register description: address offset RTC_BASE_ADDR+0x4C
Bit
Field name
Reset
RW
Description
31:0
TIN
0x00000000
R
RTC timer interrupt number register.
3.16
RNG
3.16.1
Introduction
The RNG is a real random number generator based on a continuous analog noise that
provides a 16-bit value to the host when read.
3.16.2
Functional description
The peripheral is normally used by the Bluetooth Stack, but the user can read the random
value at any time by accessing the register VAL. The RNG peripheral is addressed through
the AHB, so the access must be at 32-bit, otherwise hard fault is generated on Cortex M0.
The minimum period between two consecutive random numbers is about 1.25 us.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com