Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 148 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 148 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 144Page - STMicroelectronics BLUENRG-2 Datasheet HTML 145Page - STMicroelectronics BLUENRG-2 Datasheet HTML 146Page - STMicroelectronics BLUENRG-2 Datasheet HTML 147Page - STMicroelectronics BLUENRG-2 Datasheet HTML 148Page - STMicroelectronics BLUENRG-2 Datasheet HTML 149Page - STMicroelectronics BLUENRG-2 Datasheet HTML 150Page - STMicroelectronics BLUENRG-2 Datasheet HTML 151Page - STMicroelectronics BLUENRG-2 Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 190 page
background image
Functional details
BlueNRG-2
148/190
DocID030675 Rev 2
3.16.3
RNG registers
RNG peripheral base address (RNG_BASE_ADDR) 0xB0000000
Table 200: RNG registers
Address
offset
Name
RW
Reset
Description
0x00
CR
RW
0x00000000
RNG configuration register. Refer to the detailed
description below.
0x04
SR
R
0x00000000
RNG status register. Refer to the detailed description
below.
0x08
VAL
R
0x00000000
RNG 16-bit random value. Refer to the detailed
description below.
Table 201: RNG
– CR register description: address offset RNG_BASE_ADDR+0x00
Bit
Field name
Reset
RW
Description
1:0
RESERVED
0x0
RW
RESERVED
2
DIS
0x0
RW
Set the state of the random number generator.
0: RNG is enable.
1: RNG is disabled. The internal free-running
oscillators are put in power-down mode and
the RNG clock is stopped at the input of the
block.
31:3
RESERVED
0x00000000
RW
RESERVED
Table 202: RNG
– SR register description: address offset RNG_BASE_ADDR+0x04
Bit
Field name
Reset
RW
Description
0
RDY
0x0
R
New random value ready.
0: The VAL register value is not yet valid. If
performing a read access to VAL, the host will
be put on hold until a random value is
available.
1: The VAL register contains a valid random
number.
This bit remains at 0 when the RNG is disabled (RNGDIS
bit = 1b in CR)
31:1
RESERVED
0x00000000
R
RESERVED
Table 203: RNG
– VAL register description: address offset RNG_BASE_ADDR+0x08
Bit
Field name
Reset
RW
Description
15:0
RANDOM_VALUE
0x0000
R
The 16-bit random value.
31:16
RESERVED
0x0000
R
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com