Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 153 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 153 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 149Page - STMicroelectronics BLUENRG-2 Datasheet HTML 150Page - STMicroelectronics BLUENRG-2 Datasheet HTML 151Page - STMicroelectronics BLUENRG-2 Datasheet HTML 152Page - STMicroelectronics BLUENRG-2 Datasheet HTML 153Page - STMicroelectronics BLUENRG-2 Datasheet HTML 154Page - STMicroelectronics BLUENRG-2 Datasheet HTML 155Page - STMicroelectronics BLUENRG-2 Datasheet HTML 156Page - STMicroelectronics BLUENRG-2 Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
153/190
The RF transceiver requires very few external discrete components. It provides 96 dB link
budgets with excellent link reliability, keeping the maximum peak current below 15 mA.
In transmit mode, the power amplifier (PA) drives the signal generated by the frequency
synthesizer out to the antenna terminal through a very simple external network. The power
delivered as well as the harmonic content depends on the external impedance seen by the
PA.
3.22.1
Radio operating modes
Several operating modes are defined for the BlueNRG-2 radio:
Reset mode
Sleep mode
Active mode
Radio mode
RX mode
TX mode
In Reset mode, the BlueNRG-2 is in ultra-low power consumption: all voltage regulators,
clocks and the RF interface are not powered. The BlueNRG-2 enters Reset mode by
asserting the external Reset signal. As soon as it is de-asserted, the device follows the
normal activation sequence to transit to active mode.
In sleep mode either the low speed crystal oscillator or the low speed ring oscillator are
running, whereas the high speed oscillators are powered down as well as the RF interface.
The state of the BlueNRG-2 is retained and the content of the RAM is preserved.
While in sleep mode, the BlueNRG-2 waits until an internal timer expires and then it goes
into active mode.
In active mode the BlueNRG-2 is fully operational: all interfaces, including RF, are active as
well as all internal power supplies together with the high speed frequency oscillator. The
MCU core is also running.
Radio mode differs from active mode as also the RF transceiver is active and it is capable
of either transmitting or receiving.
3.23
Pre-programmed bootloader
BlueNRG-2 device has a pre-programmed bootloader supporting UART protocol with
automatic baudrate detection. Main features of the embedded bootloader are:
Auto baudrate detection up to 460 kbps
Flash mass erase, section erase
Flash programming
Flash readout protection enable/disable
The pre-programmed bootloader is an application which is stored on the BlueNRG-2
internal ROM at manufacturing time by STMicroelectronics. This application allows
upgrading the device Flash with a user application using a serial communication channel
(UART).
Bootloader is activated by hardware by forcing IO7 high during power-up or hardware
Reset, otherwise, application residing in Flash will be launched.
The customer application must ensure that IO7 is forced low during power up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com