Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 11Page - NXP Semiconductors KMA310 Datasheet HTML 12Page - NXP Semiconductors KMA310 Datasheet HTML 13Page - NXP Semiconductors KMA310 Datasheet HTML 14Page - NXP Semiconductors KMA310 Datasheet HTML 15Page - NXP Semiconductors KMA310 Datasheet HTML 16Page - NXP Semiconductors KMA310 Datasheet HTML 17Page - NXP Semiconductors KMA310 Datasheet HTML 18Page - NXP Semiconductors KMA310 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
15 / 71
Bit
Description
Safety mechanism
1
inverted angle calculation check
SM-02
0 (LSB)
magnetic field conversion check
SM-01
Table 17. SENSOR_TYPE[3:0] – channel 1/2 sensor type message
8-bit ID
12-bit code
Definition
Comment
051h[1]
acceleration pedal position 1 or acceleration pedal position 2
0000b
052h[1]
acceleration pedal position 1 or secure sensor
0001b
053h[1]
acceleration pedal position 2 (redundant signal) or secure sensor
0010b
054h[1]
throttle position 1 or throttle position 2
0011b
055h[1]
throttle position 1 or secure sensor
0100b
056h[1]
throttle position 2 (redundant signal) or secure sensor
0101b
059h[1]
angle position
0110b
05Ah[1]
angle position or secure sensor
0111b
062h[2]
angle position (high speed) H.3 protocol format
1000b
063h[2]
angle position 1 or angle position 2 H.1 protocol format
1001b
064h[2]
angle position or secure sensor H.4 protocol format
1010b
066h[2]
reserved for angle position sensors
1011b
03h
000h
reserved
1101b to 1111b
[1]
Compliant with SAE JAN2010 rev 3 only.
[2]
Compliant with SAE APR2016 rev 4 only.
Table 18. Manufacturer code message
8-bit ID
12-bit code
Definition
Comment
05h
04Eh
NXP Semiconductors
fix value
Table 19. SENT_REVISION[1:0] – SENT standard revision message
8-bit ID
12-bit code
Definition
Comment
000h
not specified
00b
002h
FEB2008 rev 2
01b
003h
JAN2010 rev 3
10b
06h
004h
APR2016 rev 4
11b
Table 20. Supplementary data channel #3,1: sensor supply voltage
8-bit ID
12-bit code
Definition
Comment
000h to 1FFh
9-bit sensor supply voltage
VDD [V] = (digital value [LSB] + 33) / 58
1Ch
200h to FFFh
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com