Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 40Page - NXP Semiconductors KMA310 Datasheet HTML 41Page - NXP Semiconductors KMA310 Datasheet HTML 42Page - NXP Semiconductors KMA310 Datasheet HTML 43Page - NXP Semiconductors KMA310 Datasheet HTML 44Page - NXP Semiconductors KMA310 Datasheet HTML 45Page - NXP Semiconductors KMA310 Datasheet HTML 46Page - NXP Semiconductors KMA310 Datasheet HTML 47Page - NXP Semiconductors KMA310 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
44 / 71
16.3.3 Entering the command mode
After a power-on reset, the sensor provides a time slot tcmd(ent) for entering the command
mode. Send a specific command sequence (see Figure 26). If command mode is not
entered, the sensor starts in the normal operation mode. If the sensor stays in the
diagnostic mode, the master can write the signature without a power-on reset.
During the command mode sequence, the output is enabled. The external programming
hardware has to overdrive the output with current Iod. If command mode is activated, the
output is disabled and pin OUT/DATA operates as a digital interface.
VDD
OWI
signature
aaa-028148
command
B4h
START
STOP
64h
83h
tcmd(ent)
Figure 26. OWI command mode procedure
16.4 Cyclic redundancy check
As mentioned in Section 10.1, there is an individual 8-bit checksum for each non-volatile
memory area. Bit 8 of the CTRL1 register indicates a checksum error of customer area
1, 2 or 3 as well as the manufacturer area of the NVM including the traceability registers.
Generate the CRC with the MSB of the data word first over all corresponding addresses
in increasing order for the corresponding memory area, to calculate the checksums.
Read out all registers of the non-volatile memory area for calculating the checksum.
The LSB contains the previous checksum and must be overwritten with 0h before the
calculation can be started.
The generator polynomial for the calculation of the checksum is:
(9)
With a seed value of AAh and the data bits are XOR at the x8 point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com