Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 28Page - NXP Semiconductors KMA310 Datasheet HTML 29Page - NXP Semiconductors KMA310 Datasheet HTML 30Page - NXP Semiconductors KMA310 Datasheet HTML 31Page - NXP Semiconductors KMA310 Datasheet HTML 32Page - NXP Semiconductors KMA310 Datasheet HTML 33Page - NXP Semiconductors KMA310 Datasheet HTML 34Page - NXP Semiconductors KMA310 Datasheet HTML 35Page - NXP Semiconductors KMA310 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
32 / 71
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VO(ldr)
lower diagnostic range
output voltage
[1][9][10]
0 %VDD
-
4 %VDD
V
V(CL)u
upper clamping voltage
[1][10][11]
40 %VDD
-
95 %VDD V
V(CL)l
lower clamping voltage
[1][10][11]
5 %VDD
-
30.5 %VDD V
ΔV(CL)
clamping voltage variation deviation from programmed
value
[1][10] −0.3 %VDD
-
+0.3 %VDD V
Vn(o)(RMS) RMS output noise voltage equivalent power noise
[1][5]
-
0.4
2.5
mV
SENT
αres
angle resolution
[12]
-
-
0.044
deg
Vn(o)(RMS) RMS output noise voltage equivalent power noise
[13]
-
-
1
LSB
VOH
HIGH-level output voltage at 0.1 mA DC load current
4.1
-
4.7
V
VOL
LOW-level output voltage at 0.5 mA DC load current
-
-
0.5
V
Tsen(acc)
sensor temperature
accuracy
[14]
−10
-
+10
°C
Tsen(res)
sensor temperature
resolution
[14]
-
1
-
°C
Vsen(acc)
sensor voltage accuracy
−250
-
+250
mV
Vsen(res)
sensor voltage resolution
-
17.5
-
mV
[1]
At a low-pass filtered analog output with a cut-off frequency of 0.7 kHz.
[2]
Definition of errors is given in Section 15.
[3]
Inhomogeneity of an 18 mm diameter disc magnet can increase the linearity error by < 0.1°.
[4]
Based on a 3σ standard deviation.
[5]
At a nominal output voltage between 5 %VDD and 95 %VDD and a maximum angle of αmax = 180°.
[6]
Room temperature is given for an ambient temperature of 25 °C.
[7]
Graph of angular error is shown in Figure 14.
[8]
In steps of resolution < 0.0027°.
[9]
Activation is dependent on the programmed diagnostic mode.
[10] Settling to these values is limited by 0.7 kHz low-pass filtering of analog output.
[11] In steps of 0.02 %VDD.
[12] At a maximum angle of αmax = 180°.
[13] Based on 12 bit.
[14] Sensor temperature refers to the on-chip temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com