Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 43Page - NXP Semiconductors KMA310 Datasheet HTML 44Page - NXP Semiconductors KMA310 Datasheet HTML 45Page - NXP Semiconductors KMA310 Datasheet HTML 46Page - NXP Semiconductors KMA310 Datasheet HTML 47Page - NXP Semiconductors KMA310 Datasheet HTML 48Page - NXP Semiconductors KMA310 Datasheet HTML 49Page - NXP Semiconductors KMA310 Datasheet HTML 50Page - NXP Semiconductors KMA310 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
47 / 71
Command
write/read
Register
Bit
Access
Description
15 to 13 R
type number
000b – KMA310
001b – KMA320
010b – KMA321
011b – reserved
100b – reserved
101b – reserved
110b – KMZ80
111b – reserved
12
R/W
reserved
11
R
BIST completion check (SM-07)
10
R
angular range check (SM-12)
9
R
CORDIC range check (SM-11)
8
R
SD-ADC range check (SM-09)
7
R
BIST encoding check (SM-08)
6
R
data adder check (SM-10)
5
R
control signal check (SM-06)
4
R
adjusted angle calculation check (SM-05)
3
R
data conversion check (SM-04)
2
R
data division check (SM-03)
1
R
inverted angle calculation check (SM-02)
B2h/B3h
ASIL_FLAGS
0
R
magnetic field conversion check (SM-01)
B4h/B5h
SIGNATURE 15 to 0
W
write signature to enter command mode; see Section 16.3.3
[1]
Undefined: write as zero for default, returns any value when read.
16.5.3 Non-volatile memory registers
The device includes several internal registers which are used for customization and
identification.
The initial signature allows read access to all areas but only write access to customer
registers. Write accesses to reserved areas are ignored. Since these registers are
implemented as non-volatile memory cells, writing to the registers needs a specific time
tprog after each write access to complete.
As there is no check for the programming time, make sure that no other accesses to
the non-volatile memory are made during the programming cycle. Do not address the
non-volatile memory during the time tprog.
Note: To calculate the corresponding checksum, read out all register addresses.
Table 51. Customer area 1
Command
write/read
Register
Bit
Description
Default
MSB/LSB
00h/01h
ZERO_ANGLE
15 to 0 mechanical zero degree position; see Table 55
00h/00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com