Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 45Page - NXP Semiconductors KMA310 Datasheet HTML 46Page - NXP Semiconductors KMA310 Datasheet HTML 47Page - NXP Semiconductors KMA310 Datasheet HTML 48Page - NXP Semiconductors KMA310 Datasheet HTML 49Page - NXP Semiconductors KMA310 Datasheet HTML 50Page - NXP Semiconductors KMA310 Datasheet HTML 51Page - NXP Semiconductors KMA310 Datasheet HTML 52Page - NXP Semiconductors KMA310 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
49 / 71
Command
write/read
Register
Bit
Description
Default
MSB/LSB
15 to 12 sensor type; see Table 62
11
CRC type
0b – recommended (default)
1b – legacy
10
PAUSE pulse enable[3]
the frame length depends on the protocol format;
see Section 8.5
9
frame length[3]
constant frame length of 297 clock ticks for all protocol
formats
8
ESP[3]
7 to 5
set protocol format; see Table 63
4 and 3 SENT revision
00b – not specified
01b – FEB20008 rev 2
10b – JAN2010 rev 3
11b – APR2016 rev 4 (default)
2
sensor ID
0b – sensor ID1 (default)
1b – sensor ID2
10h/11h
SENT_SETTING1
1 and 0 clock tick time
00b – 2.7 µs
01b – 3 µs (default)
10b – 4.5 µs
11b – 6 µs
00h/99h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com