Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 12Page - NXP Semiconductors KMA310 Datasheet HTML 13Page - NXP Semiconductors KMA310 Datasheet HTML 14Page - NXP Semiconductors KMA310 Datasheet HTML 15Page - NXP Semiconductors KMA310 Datasheet HTML 16Page - NXP Semiconductors KMA310 Datasheet HTML 17Page - NXP Semiconductors KMA310 Datasheet HTML 18Page - NXP Semiconductors KMA310 Datasheet HTML 19Page - NXP Semiconductors KMA310 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
16 / 71
Table 21. Supplementary data channel #4,1: sensor temperature value
8-bit ID
12-bit code
Definition
Comment
000h to 0FFh
8-bit sensor temperature
000h: −45 °C to 0FFh: +210 °C
23h
100h to FFFh
reserved
Table 22. SENSOR_ID – sensor ID #1 message
8-bit ID
12-bit code
Definition
Comment
000h
sensor ID1
0b
29h
FFFh
sensor ID2
1b
Table 23. OEM_CODE_1[11:0] – OEM code 1 message
8-bit ID
12-bit code
Definition
Comment
90h
000h to FFFh
OEM code 1
user-programmable data content
Table 24. OEM_CODE_2[11:0] – OEM code 2 message
8-bit ID
12-bit code
Definition
Comment
91h
000h to FFFh
OEM code 2
user-programmable data content
Table 25. OEM_CODE_3[11:0] – OEM code 3 message
8-bit ID
12-bit code
Definition
Comment
92h
000h to FFFh
OEM code 3
user-programmable data content
Table 26. OEM_CODE_4[11:0] – OEM code 4 message
8-bit ID
12-bit code
Definition
Comment
93h
000h to FFFh
OEM code 4
user-programmable data content
Table 27. OEM_CODE_5[11:0] – OEM code 5 message
8-bit ID
12-bit code
Definition
Comment
94h
000h to FFFh
OEM code 5
user-programmable data content
Table 28. OEM_CODE_6[11:0] – OEM code 6 message
8-bit ID
12-bit code
Definition
Comment
95h
000h to FFFh
OEM code 6
user-programmable data content



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com