Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 54Page - NXP Semiconductors KMA310 Datasheet HTML 55Page - NXP Semiconductors KMA310 Datasheet HTML 56Page - NXP Semiconductors KMA310 Datasheet HTML 57Page - NXP Semiconductors KMA310 Datasheet HTML 58Page - NXP Semiconductors KMA310 Datasheet HTML 59Page - NXP Semiconductors KMA310 Datasheet HTML 60Page - NXP Semiconductors KMA310 Datasheet HTML 61Page - NXP Semiconductors KMA310 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
58 / 71
Classification level for analog mode: A for positive and negative pulses assuming
returning to output voltage level before stress of ±0.9 %VDD within 1 ms otherwise B.
Classification level for digital mode: A for positive and negative pulses assuming a start
of a new SENT frame within 1 ms is allowed otherwise B.
18 Electrostatic discharge
18.1 Human body model (AEC-Q100-002)
The KMA310 is protected up to 8 kV, according to the human body model at 100 pF and
1.5 kΩ. This protection is ensured at all pins and interconnects between package bodies.
Classification level: H3B.
18.2 Human metal model (ANSI/ESD SP5.6-2009)
The KMA310 is protected up to 8 kV, according to the human metal model at 150 pF and
330 Ω inside the ESD gun. This test utilizes waveforms of the IEC 61000-4-2 standard on
component level. Apply the contact discharge in an unsupplied state at pins OUT/DATA
and VDD referred to GND which is connected directly to the ground plane.
Test setup: A.
Test level: 5.
18.3 Machine model (AEC-Q100-003 legacy)
The KMA310 is protected up to 400 V, according to the machine model. This protection is
ensured at all pins and interconnects between package bodies.
Classification level: M4.
All pins of KMA310 have latch-up protection.
18.4 Charged-device model (AEC-Q100-011)
The KMA310 is protected up to 750 V, according to the charged-device model. This
protection is ensured at all pins and interconnects between package bodies.
Classification level: C4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com